Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 20Page - National Semiconductor (TI) LM80 Datasheet HTML 21Page - National Semiconductor (TI) LM80 Datasheet HTML 22Page - National Semiconductor (TI) LM80 Datasheet HTML 23Page - National Semiconductor (TI) LM80 Datasheet HTML 24Page - National Semiconductor (TI) LM80 Datasheet HTML 25Page - National Semiconductor (TI) LM80 Datasheet HTML 26Page - National Semiconductor (TI) LM80 Datasheet HTML 27Page - National Semiconductor (TI) LM80 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Functional Description (Continued)
12.4 Interrupt Status Register 1 — Address 01h
Power on default <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
IN0
Read Only
A one indicates a High or Low limit has been exceeded.
1
IN1
Read Only
A one indicates a High or Low limit has been exceeded.
2
IN2
Read Only
A one indicates a High or Low limit has been exceeded.
3
IN3
Read Only
A one indicates a High or Low limit has been exceeded.
4
IN4
Read Only
A one indicates a High or Low limit has been exceeded.
5
IN5
Read Only
A one indicates a High or Low limit has been exceeded.
6
IN6
Read Only
A one indicates a High or Low limit has been exceeded.
7
INT_IN
Read Only
A one indicates that a Low has been detected on the INT_IN.
12.5 Interrupt Status Register 2 — Address 02h
Power on default <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
Hot Temperature
Read Only
A one indicates a High or Low limit has been exceeded. Only “One-Time Interrupt”
and “Default Interrupt” modes are supported. The mode is set by bit-6 of the
Interrupt Mask Register 2.
1
BTI
Read Only
A one indicates that an interrupt has occurred from the Board Temperature
Interrupt (BTI) input pin. BTI can be tied to the OS output of multiple LM75 chips.
2
FAN1
Read Only
A one indicates that a fan count limit has been exceeded.
3
FAN2
Read Only
A one indicates that a fan count limit has been exceeded.
4
CI (Chassis
Intrusion)
Read Only
A one indicates CI (Chassis Intrusion) has gone high.
5
OS bit
Read Only
A one indicates a High or a Low OS Temperature limit has been exceed. Only
“One-Time Interrupt” and “Default Interrupt” modes are supported (see Sections
7.2 and 8.2). The mode is set by bit-7 of the Interrupt Mask Register 2.
6
Reserved
Read Only
7
Reserved
Read Only
12.6 Interrupt Mask Register 1 — Address 03h
Power on default <7:0> = 0000 0000 binary
Bit
Name
Read/
Write
Description
0
IN0
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
1
IN1
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
2
IN2
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
3
IN3
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
4
IN4
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
5
IN5
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
6
IN6
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
7
INT_IN
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com