Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 12Page - National Semiconductor (TI) LM80 Datasheet HTML 13Page - National Semiconductor (TI) LM80 Datasheet HTML 14Page - National Semiconductor (TI) LM80 Datasheet HTML 15Page - National Semiconductor (TI) LM80 Datasheet HTML 16Page - National Semiconductor (TI) LM80 Datasheet HTML 17Page - National Semiconductor (TI) LM80 Datasheet HTML 18Page - National Semiconductor (TI) LM80 Datasheet HTML 19Page - National Semiconductor (TI) LM80 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Functional Description (Continued)
7.0 TEMPERATURE MEASUREMENT SYSTEM
The LM80 bandgap type temperature sensor and ADC per-
form 9-bit or a 12-bit two’s-complement conversions of the
temperature. An 8-bit digital comparator is also incorporated
that compares the readings to the user-programmable Hot
and Overtemperature setpoints, and Hysteresis values.
7.1 Temperature Data Format
Temperature data can be read from the Temperature, T
hot,
T
hot hyst
,T
os and Tos hyst setpoint registers; and written to the
T
hot,Thot hyst,Tos and Tos hyst setpoint registers. Thot set
point, T
hot hyst set point, Tos set point and Tos hyst tempera-
ture data is represented by an 8-bit, two’s complement word
with an LSB (Least Significant Bit) equal to 1˚C:
Temperature
Digital Output
Binary
Hex
+125˚C
0111 1101
7Dh
+25˚C
0001 1001
19h
+1.0˚C
0000 0001
01h
+0˚C
0000 0000
00h
−1.0˚C
1111 1111
FFh
−25˚C
1110 0111
E7h
−55˚C
1100 1001
C9h
DS100040-20
(Non-Linear Scale for Clarity)
FIGURE 8. 9-bit Temperature-to-Digital Transfer
Function
DS100040-16
(Non-Linear Scale for Clarity)
FIGURE 9. 12-bit Temperature-to-Digital Transfer
Function
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com