Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7447 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC7447 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
30
Freescale Semiconductor
Package Description
8.2
Mechanical Dimensions for the MPC7448, 360 HCTE BGA
Figure 13 provides the mechanical dimensions and bottom surface nomenclature for the MPC7448, 360
HCTE BGA package.
Figure 13. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC7448,
360 HCTE BGA Package
NOTES:
1. Dimensioning and
tolerancing per ASME
Y14.5M, 1994
2. Dimensions in millimeters.
3. Top side A1 corner index is a
metalized feature with
various shapes. Bottom side
A1 corner is designated with
a ball missing from the array.
0.2
C
A
360X
D
2X
A1 CORNER
E
e
0.2
2X
C
B
123456789 10 111213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
B
0.3
A
0.15
b
A
0.15 A
171819
U
W
V
Millimeters
Dim
Min
Max
A
2.32
2.80
A1
0.80
1.00
A2
0.70
0.90
A3
—
0.6
b
0.82
0.93
D
25.00 BSC
D1
—
11.3
D2
8.0
—
D3
—
6.5
D4
7.2
7.4
e
1.27 BSC
E
25.00 BSC
E1
—
11.3
E2
8.0
—
E3
—
6.5
E4
7.9
8.1
Capacitor Region
D3
E2
E1
A
A1
A2
A3
E4
D4
E3
D1
D2
0.35 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com