Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7447 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC7447 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
7
Comparison with the MPC7447A, MPC7447, MPC7445, and MPC7441
•
Reliability and serviceability
— Parity checking on system bus
— Parity checking on the L1 caches and L2 data tags
— ECC or parity checking on L2 data
3
Comparison with the MPC7447A, MPC7447, MPC7445,
and MPC7441
Table 1 compares the key features of the MPC7448 with the key features of the earlier MPC7447A,
MPC7447, MPC7445, and MPC7441. All are based on the MPC7450 RISC microprocessor and are
architecturally very similar. The MPC7448 is identical to the MPC7447A, but the MPC7448 supports 1
Mbyte of L2 cache with ECC and the use of dynamic frequency switching (DFS) with more bus-to-core
ratios.
Table 1. Microarchitecture Comparison
Microarchitectural Specs
MPC7448
MPC7447A MPC7447 MPC7445 MPC7441
Basic Pipeline Functions
Logic inversions per cycle
18
Pipeline stages up to execute
5
Total pipeline stages (minimum)
7
Pipeline maximum instruction throughput
3 + branch
Pipeline Resources
Instruction buffer size
12
Completion buffer size
16
Renames (integer, float, vector)
16, 16, 16
Maximum Execution Throughput
SFX
3
Vector
2 (any 2 of 4 units)
Scalar floating-point
1
Out-of-Order Window Size in Execution Queues
SFX integer units
1 entry
× 3 queues
Vector units
In order, 4 queues
Scalar floating-point unit
In order
Branch Processing Resources
Prediction structures
BTIC, BHT, link stack
BTIC size, associativity
128-entry, 4-way
BHT size
2K-entry
Link stack depth
8
Unresolved branches supported
3
Branch taken penalty (BTIC hit)
1
Minimum misprediction penalty
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com