Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7447 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC7447 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
57
Part Numbering and Marking
11 Part Numbering and Marking
Ordering information for the part numbers fully covered by this specification document is provided in
Section 11.1, “Part Numbers Fully Addressed by This Document.” Note that the individual part numbers
correspond to a maximum processor core frequency. For available frequencies, contact a local Freescale
sales office. In addition to the processor frequency, the part numbering scheme also includes an application
modifier that may specify special application conditions. An optional specification modifier may also
apply for parts to indicate a specific change in specifications, such as support for an extended temperature
range. Finally, each part number contains a revision level code that refers to the die mask revision number.
Section 11.2, “Part Numbers Not Fully Addressed by This Document,” lists the part numbers that do not
fully conform to the specifications of this document. These special part numbers require an additional
document called a hardware specification addendum.
11.1
Part Numbers Fully Addressed by This Document
Table 18 provides the Freescale part numbering nomenclature for the MPC7448 part numbers fully
addressed by this document. For information regarding other MPC7448 part numbers, see Section 11.2,
“Part Numbers Not Fully Addressed by This Document.”
Table 18. Part Numbering Nomenclature
xx
7448
xx
nnnn
L
x
Product
Code
Part
Identifier
Package
Processor
Frequency
Application
Modifier
Revision Level
MC
PPC 1
7448
HX = HCTE BGA
VS = RoHS LGA
VU = RoHS BGA
1700
L: 1.3 V +20/–50 mV
0 to 105
°C
C: 2.1; PVR = 0x8004_0201
D: 2.2; PVR = 0x8004_0202
1600
L: 1.25 V ± 50 mV
0 to 105
°C
1420
L: 1.2 V ± 50 mV
0 to 105
°C
1000
L: 1.15 V ± 50 mV
0 to 105
°C
Notes:
1. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These
parts have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the
fact that product changes may still occur as pilot production prototypes are shipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com