Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7447 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC7447 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
39
System Design Information
Figure 17. MPC7448 Power Down Sequencing Requirements
There is no requirement regarding AVDD during power down, but it is recommended that AVDD track VDD
within the RC time constant of the PLL filter circuit described in Section 9.2.2, “PLL Power Supply
Filtering” (nominally 100 µs).
9.2.2
PLL Power Supply Filtering
The AVDD power signal is provided on the MPC7448 to provide power to the clock generation PLL. To
ensure stability of the internal clock, the power supplied to the AVDD input signal should be filtered of any
noise in the 500-KHz to 10-MHz resonant frequency range of the PLL. The circuit shown in Figure 18
using surface mount capacitors with minimum effective series inductance (ESL) is strongly recommended.
In addition to filtering noise from the AVDD input, it also provides the required delay between VDD and
AVDD as described in Section 9.2.1, “Power Supply Sequencing.”
The circuit should be placed as close as possible to the AVDD pin to minimize noise coupled from nearby
circuits. It is often possible to route directly from the capacitors to the AVDD pin, which is on the periphery
of the device footprint.
Figure 18. PLL Power Supply Filter Circuit
VDD
OVDD
no restrictions between VDD and OVDD
SYSCLK
0.9 V
AVDD
no restrictions between VDD and AVDD
note also restrictions between SYSCLK and OVDD
0.9 V
limit imposed by VDD if VDD ramps down first
limit imposed by OVDD if OVDD ramps down first
VDD
AVDD
10
Ω
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com