Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7447 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC7447 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
34
Freescale Semiconductor
Package Description
8.6
Mechanical Dimensions for the MPC7448, 360 HCTE
RoHS-Compliant BGA
Figure 13 provides the mechanical dimensions and bottom surface nomenclature for the MPC7448, 360
HCTE BGA package with RoHS-compliant lead-free spheres.
Figure 15. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC7448,
360 HCTE RoHS-Compliant BGA Package
NOTES:
1. Dimensioning and
tolerancing per ASME
Y14.5M, 1994
2. Dimensions in millimeters.
3. Top side A1 corner index is a
metalized feature with
various shapes. Bottom side
A1 corner is designated with
a ball missing from the array.
4. Dimension A1 represents the
collapsed sphere diameter.
0.2
C
A
360X
D
2X
A1 CORNER
E
e
0.2
2X
C
B
123456789 10 111213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
B
0.3
A
0.15
b
A
0.15 A
171819
U
W
V
Millimeters
Dim
Min
Max
A
1.92
2.40
A1 4
0.40
0.60
A2
0.70
0.90
A3
—
0.6
b
0.60
0.90
D
25.00 BSC
D1
—
11.3
D2
8.0
—
D3
—
6.5
D4
7.2
7.4
e
1.27 BSC
E
25.00 BSC
E1
—
11.3
E2
8.0
—
E3
—
6.5
E4
7.9
8.1
Capacitor Region
D3
E2
E1
A
A1
A2
A3
E4
D4
E3
D1
D2
0.35 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com