Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7447 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC7447 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
58
Freescale Semiconductor
Part Numbering and Marking
11.2
Part Numbers Not Fully Addressed by This Document
Parts with application modifiers or revision levels not fully addressed in this specification document are
described in separate hardware specification addenda which supplement and supersede this document. As
such parts are released, these specifications will be listed in this section.
Table 19. Part Numbers Addressed by MC7448
xxnnnn Nx Series Hardware Specification Addendum
(Document Order No. MPC7448ECS01AD)
xx
7448
xx
nnnn
N
x
Product
Code
Part
Identifier
Package
Processor
Frequency
Application Modifier
Revision Level
MC
7448
HX = HCTE BGA
VS = RoHS LGA
VU = RoHS BGA
1400
N: 1.15 V ± 50 mV
0 to 105
°C
(date code 0613 and later) 2
C: 2.1; PVR = 0x8004_0201
D: 2.2; PVR = 0x8004_0202
MC
PPC1
1400
N: 1.1 V ± 50 mV
0 to 105
°C
(date code 0612 and prior) 2
MC
PPC1
1267
Revision C only
N: 1.1 V ± 50 mV
0 to 105
°C
MC
PPC1
1267
Revision D only
N: 1.05 V ± 50 mV
0 to 105
°C
MC
PPC1
1250
N: 1.1 V ± 50 mV
0 to 105
°C
MC
PPC1
1000
867
800
667
600
N: 1.0 V ± 50 mV
0 to 105
°C
Notes:
1. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These
parts have only preliminary reliability and characterization data. Before pilot production prototypes can be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the
fact that product changes may still occur as pilot production prototypes are shipped.
2. Core voltage for 1400 MHz devices currently in production (date code of 0613 and later) is 1.15 V ± 50 mV; all such devices
have the MC product code. The 1400 MHz devices with date code of 0612 and prior specified core voltage of 1.1 V ± 50 mV;
this includes all 1400 MHz devices with the PPC product code. See Section 11.3, “Part Marking,” for information on part
marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com