Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7447 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC7447 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
56
Freescale Semiconductor
Document Revision History
2
Table 6: Added separate input leakage specification for BVSEL0, LSSD_MODE, TCK, TDI, TMS, TRST
signals to correctly indicate leakage current for signals with internal pull-up resistors.
Section 5.1: Added paragraph preceding Table 7 and edited notes in Table 7 to clarify core frequencies at
which power consumption is measured.
Section 5.3: Removed voltage derating specifications; this feature has been made redundant by new
device offerings and is no longer supported.
Changed names of “Typical–Nominal” and “Typical–Thermal” power consumption parameters to “Typical”
and “Thermal”, respectively. (Name change only–no specifications were changed.)
Table 11: Revised Notes 16, 18, and 19 to reflect current recommendations for connection of SENSE pins.
Section 9.3: Added paragraph explaining connection recommendations for SENSE pins. (See also Table
11 entry above.)
Table 19: Updated table to reflect changes in specifications for MC7448xxnnnnNC devices.
Table 9: Changed all instances of TT[0:3] to TT[0:4]
Removed mention of these input signals from output valid times and output hold times:
• AACK, CKSTP_IN, DT[0:3]
Figure 17: Modified diagram slightly to correctly show constraint on SYSCLK ramping is related to VDD
voltage, not AVDD voltage. (Diagram clarification only; no change in power sequencing requirements.)
Added Table 20 to reflect introduction of extended temperature devices and associated hardware
specification addendum.
1
Added 1600 MHz, 1420 MHz, and 1000 MHz devices
Section 4: corrected die size
Table 2: Revised Note 4 to consider overshoot/undershoot and combined with Note 5.
Table 4: Revised operating voltage for 1700 MHz device from ± 50 mV to +20 mV / –50 mV.
Table 7: Updated and expanded table to include Typical – Nominal power consumption.
Table 11: Added voltage derating information for 1700 MHz devices; this feature is not supported at this
time for other speed grades.
Added transient specifications for VDD power supply in Section 9.2.3, added Table 15 and Figure 19 and
renumbered subsequent tables and figures.
Moved Decoupling Recommendations from Section 9.4 to Section 9.2.4 and renumbered subsequent
sections.
Section 9.2.1: Revised power sequencing requirements.
Section 9.7.4: Added thermal diode ideality factor information (previously TBD).
Table 17: Expanded table to show HID1 register values when DFS modes are enabled.
Section 11.2: updated to include additional N-spec device speed grades
Tables 18 and 19: corrected PVR values and added “MC” product code prefix
0
Initial public release.
Table 17. Document Revision History (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com