Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7447 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC7447 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
12
Freescale Semiconductor
Electrical and Thermal Characteristics
Table 5 provides the package thermal characteristics for the MPC7448. For more information regarding
thermal management, see Section 9.7, “Power and Thermal Management Information.”
Table 6 provides the DC electrical characteristics for the MPC7448.
Table 5. Package Thermal Characteristics1
Characteristic
Symbol
Value
Unit
Notes
Junction-to-ambient thermal resistance, natural convection, single-layer (1s) board
RθJA
26
•C/W
C/W
2, 3
Junction-to-ambient thermal resistance, natural convection, four-layer (2s2p) board
RθJMA
19
•C/W
C/W
2, 4
Junction-to-ambient thermal resistance, 200 ft/min airflow, single-layer (1s) board
RθJMA
22
•C/W
C/W
2, 4
Junction-to-ambient thermal resistance, 200 ft/min airflow, four-layer (2s2p) board
RθJMA
16
•C/W
C/W
2, 4
Junction-to-board thermal resistance
RθJB
11
•C/W
C/W
5
Junction-to-case thermal resistance
RθJC
< 0.1
•C/W
C/W
6
Notes:
1. Refer to Section 9.7, “Power and Thermal Management Information,” for details about thermal management.
2. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal
resistance.
3. Per JEDEC JESD51-2 with the single-layer board horizontal
4. Per JEDEC JESD51-6 with the board horizontal
5. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
6. This is the thermal resistance between die and case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1) with the calculated case temperature. The actual value of RθJC for the part is less than 0.1°C/W.
Table 6. DC Electrical Specifications
At recommended operating conditions. See Table 4.
Characteristic
Nominal Bus
Voltage 1
Symbol
Min
Max
Unit
Notes
Input high voltage
(all inputs)
1.5
VIH
OVDD × 0.65
OVDD + 0.3
V
2
1.8
OVDD × 0.65
OVDD + 0.3
2.5
1.7
OVDD + 0.3
Input low voltage
(all inputs)
1.5
VIL
–0.3
OVDD × 0.35
V
2
1.8
–0.3
OVDD × 0.35
2.5
–0.3
0.7
Input leakage current, all signals except
BVSEL0, LSSD_MODE, TCK, TDI, TMS,
TRST:
Vin = OVDD
Vin = GND
—Iin
—
50
– 50
µA
2, 3
Input leakage current, BVSEL0,
LSSD_MODE, TCK, TDI, TMS, TRST:
Vin = OVDD
Vin = GND
—Iin
—
50
– 2000
µA
2, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com