Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7447 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC7447
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC7447 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7447 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
19
Electrical and Thermal Characteristics
Figure 4 provides the AC test load for the MPC7448.
Figure 4. AC Test Load
Figure 5 provides the BMODE[0:1] input timing diagram for the MPC7448. These mode select inputs are
sampled once before and once after HRESET negation.
Figure 5. BMODE[0:1] Input Sample Timing Diagram
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
HRESET
BMODE[0:1]
VM = Midpoint Voltage (OVDD/2)
SYSCLK
1st Sample
2nd Sample
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com