Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/AZ Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF85263ATT1/AZ
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/AZ Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF85263ATT1/AZ Datasheet HTML 22Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 23Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 24Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 25Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 26Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 27Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 28Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 29Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
A1F and A2F remain set until cleared by command. Once an alarm flag has been cleared, it is only set again
when the time increments to match the alarm condition once more.
When an interrupt pin is configured to pulse mode and if an alarm flag is not cleared and the time increments to
match the alarm condition again, then a repeated interrupt pulse is generated.
7.5 Watchdog
Bit
Symbol
Value
Description
Watchdog mode
0 [1]
Single shot
7
WDM
1
Repeat mode
Watchdog register bits
0h [1] to 1Fh
Write: Watchdog counter load value
6 to 2
WDR[4:0]
0h to 1Fh
Read: current counter value
Watchdog step size (source clock)
00 [1]
4 seconds (0.25 Hz)
01
1 second (1 Hz)
10
1⁄4 second (4 Hz)
1 to 0
WDS[1:0]
11
1⁄16 second (16 Hz)
Table 16. Watchdog - Watchdog control and register (address 2Dh) bit description
[1]
Default value.
7.5.1 Watchdog functions
The Watchdog has four selectable step sizes allowing for periods in the range from 62.5 ms to 124 seconds. For
periods greater than 2 minutes, the alarm function can be used.
(1)
Delay
WDS[1:0]
Watchdog step size
[1]
Minimum Watchdog duration
WDR = 1
Maximum Watchdog duration
WDR = 31
00
4 s
4 s
124 s
01
1 s
1 s
31 s
10
1⁄4 s
0.25 s
7.75 s
11
1⁄16 s
0.0625 s
1.9375 s
Table 17. Watchdog durations
[1]
Time periods can be affected by correction pulses.
Remark: All timings are generated from the 32.768 kHz oscillator and are based on the assumption that there is
0 ppm deviation. Deviation in oscillator frequency results in deviation in timings. It is not applicable to interface
timing.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
26 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com