Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/AZ Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF85263ATT1/AZ
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/AZ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF85263ATT1/AZ Datasheet HTML 6Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 7Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 8Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 9Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 10Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 11Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 12Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 13Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
7 Functional description
The PCF85263A contains 8-bit registers for time information, for timestamp information and registers for
system configuration. Included is an auto-incrementing register address, an on-chip 32.768 kHz oscillator
with integrated capacitors, a frequency divider providing the source clock for the Real-Time Clock (RTC), and
calender, and an I2C-bus interface with a maximum data rate of 400 kbit/s.
The built-in address register will increment automatically after each read or write of a data byte. After register
2Fh, the auto-incrementing will wrap around to address 00h (for details, see Figure 7).
aaa-009084
address register
00h
auto-increment
wrap around
01h
02h
03h
...
2Dh
2Eh
2Fh
Figure 7. Address register incrementing
All registers (see Table 4, Table 5, and Table 6) are designed as addressable 8-bit parallel registers although not
all bits are implemented. Figure 8 gives an overview of the address map.
:
Time registers
:
:
Alarm registers
:
Offset register
RAM byte
Watchdog
Stop and reset
:
Timestamp registers
:
:
Function setting
:
00h
07h
:
08h
10h
:
11h
23h
:
25h
2Bh
:
24h
2Ch
2Dh
2Eh
2Fh
aaa-009114
Figure 8. Register map
The 100th seconds, seconds, minutes, hours, days, months, and years and the corresponding alarm registers
are all coded in Binary Coded Decimal (BCD) format. When one of the RTC registers is read, the contents
of all-time counters are frozen. Therefore, faulty reading of the clock and calendar during a carry condition is
prevented.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
10 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com