Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/AZ Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF85263ATT1/AZ
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/AZ Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF85263ATT1/AZ Datasheet HTML 29Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 30Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 31Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 32Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 33Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 34Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 35Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 36Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
7.7.1 Timestamps interrupts
The generation of interrupts from the timestamp functions is controlled via the timestamp interrupt enable bits;
TSRIEA and TSRIEB. These bits are in registers INTA_enable (address 29h) and INTB_enable (address 2Ah).
The loading of new information into one of the timestamp registers can be used to generate an interrupt at pins
INTA and INTB. The interrupt can be generated as a pulsed signal every time the timestamp register updates or
as a permanently active signal that follows the condition of timestamp flags, TSR1F to TSR3F. The timestamp
flags remain set until cleared by command.
When enabled, interrupts are triggered every time the timestamp register updates and even if the associated
flag is not cleared, an interrupt pulse can be generated.
See Section 7.9 for interrupt control.
7.8 Offset register
The PCF85263A incorporates an offset register (address 24h) which can be used to implement several
functions, such as:
• Accuracy tuning
• Aging adjustment
• Temperature compensation
Bit
Symbol
Value
Description
7 to 0
OFFSET[7:0]
See Table 24
Offset value
Table 22. Offset - offset register (address 24h) bit description
There are two modes that define the correction period, normal mode and fast mode. The
normal mode is
suitable for offset trimming. The
fast mode is suitable for dynamic offset correction, for example, implementing
a temperature correction. The fast mode consumes more current. Offset mode is defined by bit OFFM in the
oscillator register (Section 7.10).
See Section 7.10
Bit
Symbol
Value
Description
Offset mode bit
0 [1]
Normal mode: correction is made every 4 hours; 2.170
ppm/step
6
OFFM
1
Fast mode: correction is made once every 8 minutes;
2.0345 ppm/step
Table 23. OFFM bit - oscillator control register (address 25h)
[1]
Default value.
For OFFM = 0, each LSB introduces an offset of 2.170 ppm. For OFFM = 1, each LSB introduces an offset
of 2.0345 ppm. The offset value is coded in two's complement giving a range of +127 LSB to -128 LSB, see
Table 24.
OFFSET[7:0]
Offset value in ppm
Offset value in decimal
Normal mode
OFFM = 0
Fast mode
OFFM = 1
011 1 1111
+127
+275.590
+258.3815
Table 24. Offset values
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
33 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com