Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/AZ Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF85263ATT1/AZ
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/AZ Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF85263ATT1/AZ Datasheet HTML 51Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 52Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 53Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 54Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 55Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 56Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 57Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 58Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
COF[2:0]
Frequency (Hz)
Typical duty cycle [1]
111
Static
-
Table 58. Clock duty cycles...continued
[1]
Duty cycle definition: % HIGH-level time: % LOW-level time.
[2]
Default values. The duty cycle of the CLKOUT when outputting 32,768 Hz could change from 60:40 to 40:60 depending on the detector since the 32,768
Hz is derived from the oscillator output, which is not perfect. It could change from device-to-device and it depends on the silicon diffusion. There is nothing
that can be done from outside the chip to influence the duty cycle.
[3]
1 Hz clock pulses are not affected by offset correction pulses.
7.14 Flags register
Bit
Symbol Flag name
Value
Description
Read: periodic interrupt flag inactive
0 [1]
Write: periodic interrupt flag is cleared
Read: periodic interrupt flag active
7
PIF
Periodic Interrupt Flag
Section 7.13.2
1
Write: periodic interrupt flag remains unchanged
Read: alarm2 flag inactive
0 [1]
Write: alarm2 flag is cleared
Read: alarm2 flag active
6
A2F
Alarm2 Flag
Section 7.4
1
Write: alarm2 flag remains unchanged
Read: alarm1 flag inactive
0 [1]
Write: alarm1 flag is cleared
Read: alarm1 flag active
5
A1F
Alarm1 Flag
Section 7.4
1
Write: alarm1 flag remains unchanged
Read: Watchdog flag inactive
0 [1]
Write: Watchdog flag is cleared
Read: Watchdog flag active
4
WDF
Watchdog Flag
Section 7.5
1
Write: Watchdog flag remains unchanged
Read: battery switch flag inactive
0 [1]
Write: battery switch flag is cleared
Read: battery switch flag active
3
BSF
Battery Switch Flag
Section 7.11
1
Write: battery switch flag remains unchanged
Read: timestamp register 3 flag inactive
0 [1]
Write: timestamp register 3 flag is cleared
Read: timestamp register 3 flag active
2
TSR3F
Timestamp Register 3
event Flag
Section 7.7
1
Write: timestamp register 3 flag remains unchanged
Read: timestamp register 2 flag inactive
0 [1]
Write: timestamp register 2 flag is cleared
Read: timestamp register 2 flag active
1
TSR2F
Timestamp Register 2
event Flag
Section 7.7
1
Write: timestamp register 2 flag remains unchanged
Table 59. Flags - Flag status register (address 2Bh) bit description
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
55 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com