Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/AZ Datasheet(PDF) 69 Page - NXP Semiconductors

Part # PCF85263ATT1/AZ
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/AZ Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button PCF85263ATT1/AZ Datasheet HTML 65Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 66Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 67Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 68Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 69Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 70Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 71Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 72Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
13 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
-0.5
+6.5
V
IDD
Supply current
-50
+50
mA
VBAT
Battery supply voltage
-0.5
+6.5
V
IBAT
Battery supply current
-50
+50
mA
VI
Input voltage
On pins SCL, SDA, OSCI, TS
-0.5
+6.5
V
VO
Output voltage
-0.5
+6.5
V
II
Input current
At any input
-10
+10
mA
IO
Output current
At any output
-10
+10
mA
Ptot
Total power
dissipation
-
300
mW
HBM
[1] -
±3500
V
CDM
[2]
PCF85263AT
-
±1000
V
PCF85263ATL
-
±1750
V
PCF85263ATT
-
±1000
V
PCF85263ATT1
-
±2000
V
VESD
Electrostatic
discharge voltage
PCF85263AUK
-
±1000
V
Ilu
Latch-up current
[3] -
200
mA
Tstg
Storage temperature
[4] -65
+150
°C
Tamb
Ambient temperature Operating device
-40
+85
°C
Table 66. Limiting values
[1]
Pass level; Human Body Model (HBM) according to ref.[1].
[2]
Pass level; Charged-Device Model (CDM), according to ref.[2].
[3]
Pass level; latch-up testing, according to ref.[3] at maximum ambient temperature (Tamb(max)).
[4]
According to the store and transport requirements (see ref.[9]) the devices have to be stored at a temperature of +8 °C to +45 °C and a humidity of 25 %
to 75 %.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
69 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com