Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/AZ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF85263ATT1/AZ
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/AZ Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF85263ATT1/AZ Datasheet HTML 1Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 2Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 3Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 4Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 5Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 6Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 7Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 8Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
4 Ordering information
Table 1 describes the ordering information for PCF85263A.
Package
Type number
Topside
marking Name
Description
Version
PCF85263AT/A
85263A
SO8
Plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCF85263ATL/A
263A
DFN2626-10 Plastic thermal enhanced extremely thin small outline
package; no leads; 10 terminals; body 2.6 × 2.6 × 0.5 mm
SOT1197-1
PCF85263ATT/A
263A
TSSOP8
Plastic thin shrink small outline package; 8 leads; body width
3 mm
SOT505-1
PCF85263ATT1/A 263A
TSSOP10
Plastic thin shrink small outline package; 10 leads; body
width 3 mm
SOT552-1
PCF85263AUK
F
WLCSP12
Wafer level package 12 cu pillars; body 1.19 x 0.94 x 0.22
mm with 0.25 mm pitch
SOT2035-1
Table 1. Ordering information
4.1 Ordering options
Table 2 describes the ordering options for PCF85263A.
Type number
Orderable part
number
Package
Packing method[1] Minimum
order
quantity
Temperature
PCF85263AT/A
PCF85263AT/AJ
SO8
Reel 13" Q1 NDP
2500
Tamb = -40 °C to +85 °C
PCF85263ATL/A
PCF85263ATL/AX
DFN2626-10 Reel 7" Q1 NDP
4000
Tamb = -40 °C to +85 °C
PCF85263ATT/A PCF85263ATT/AJ
TSSOP8
Reel 13" Q1 NDP
2500
Tamb = -40 °C to +85 °C
PCF85263ATT1/AJ [2] TSSOP10
Reel 13" Q1 NDP
2500
Tamb = -40 °C to +85 °C
PCF85263ATT1/A
PCF85263ATT1/AZ
TSSOP10
Reel 13" Q1 NDP
SSB[3]
2500
Tamb = -40 °C to +85 °C
PCF85263AUK
PCF85263AUKZ
WLCSP12
Reel 13" Q1 Dry
Pack
20000
Tamb = -40 °C to +85 °C
Table 2. Ordering options
[1]
Standard packing quantities and other packaging data are available at www.nxp.com/packages/.
[2]
Discontinuation Notice 202104010DN; drop in replacement is PCF85263ATT1/AZ. Refer to PCN 202104008A.
[3]
This packing method uses a Static Shielding Bag (SSB) solution. Material must be kept in a sealed bag between uses.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
5 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com