Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/AZ Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF85263ATT1/AZ
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/AZ Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF85263ATT1/AZ Datasheet HTML 38Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 39Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 40Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 41Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 42Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 43Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 44Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 45Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
[1]
Default value.
Oscillator circuits suffer from jitter. In particular, ultra low-power oscillators like the one used in the PCF85263A
are optimized for power and not jitter. By setting the LOWJ bit, the jitter performance can be improved at the
cost of power consumption.
7.10.5 OSCD[1:0]: Quartz oscillator drive control
Bit
Symbol
Value
Description
Oscillator drive bits
00 [1]
Normal drive; RS(max): 100 kΩ
01
Low drive; RS(max): 60 kΩ; reduced IDD
3 to 2
OSCD[1:0]
10, 11
High drive; RS(max): 500 kΩ; increased IDD
Table 33. OSCD[1:0] bits - oscillator control register (address 25h)
[1]
Default value.
The oscillator is designed to be used with quartz with a series resistance up to 100 kΩ. It covers the typical
range of 32.768 kHz quartz crystals. Series resistance is also referred to as: ESR, motional resistance, or RS.
A low drive mode is available for low series resistance quartz, which reduces the current consumption.
For very high series resistance quartz, there is a high drive mode. Current consumption increases substantially
in this mode.
7.10.6 CL[1:0]: Quartz oscillator load capacitance
Bit
Symbol
Value
Description
Internal oscillator capacitor selection for quartz crystals
with the corresponding load capacitance of CL:
00 [1]
7.0 pF
01
6.0 pF
10
12.5 pF
1 to 0
CL[1:0]
11
12.5 pF
Table 34. CL[1:0] bits - oscillator control register (address 25h)
[1]
Default value.
CL refers to the load capacitance of the oscillator circuit and allows for a certain amount of package and PCB
parasitic capacitance. When the oscillator circuit matches the CL parameter of the quartz, then the frequency
offset is zero.
The PCF85263A is designed to operate with quartz with CL values of 6.0 pF, 7.0 pF, and 12.5 pF.
12.5 pF are generally the cheapest and most widely available, but also require the most power to drive. The
circuit also operates with 9.0 pF quartz. However, the offset calibration is needed to compensate. If a 9.0 pF
quartz is used, then it is recommended to set CL to 7.0 pF.
7.11 Battery switch register
This register configures the battery switch-over mode.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
42 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com