Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/AZ Datasheet(PDF) 66 Page - NXP Semiconductors

Part # PCF85263ATT1/AZ
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/AZ Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button PCF85263ATT1/AZ Datasheet HTML 62Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 63Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 64Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 65Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 66Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 67Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 68Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 69Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
Register
Section
Bit(s)
State
Comment
ILPA
0
Generate interrupt pulses
TSR_mode
Section 7.12
TSR2M[2:0]
101
Last event mode for timestamp2
Pin_IO
Section 7.12
INTAPM[1:0]
10
Output interrupt on INTA
Table 65. Application configuration...continued
Figure 37 shows the waveforms that can be expected. sample clock, vdd_int, and stop are internal nodes.
vdd_int is the supply operating the IC and is either VDD or VBAT, depending on the state of the battery switch-
over.
sample clock, 16 Hz
t2
t4
t6
t3
TS pin
switch SW 1
stop
running
stopwatch
TSR2
INTA
open
open
closed
stopped
running
TSR2 = t4
TS pin sampled
vdd_int
floating
VSS
t5
aaa-010561
t1
Figure 37. Application example timing
• At and before t1, SW1 is open (TS pin floating). The TS pin is sampled and the internal pullup resistor pulls
the pin HIGH to vdd_int. No action is taken by the IC.
• At t2, SW1 is still open. No action is taken by the IC.
• At t3, SW1 closes. The TS pin is now shorted to VSS. The TS pin has not been sampled yet, so no action is
taken by the IC.
• At t4, SW1 is closed. The internal pullup resistor is enabled, but the TS pin remains LOW. The pin is then
sampled and the LOW level detected. As the TSL bit was set for active LOW detection, the HIGH-LOW
transition of TS pin sampled triggers an event.
STOPM mode was configured to allow the TS pin to stop the time counting. As the TSL bit was set for active
LOW, time counting stops when the TS pin is LOW.
Timestamp register 2 was configured to take a copy of the time on an event of the TS pin. Therefore, TSR2
loads the time t4. TSR2F is also set.
INTA was configured to generate an interrupt when TSR2 loads a new time. Therefore, an interrupt pulse is
seen on INTA.
• At t5, SW1 is opened. No action is taken by the IC.
• At t6, SW1 is open. The internal pullup is active and the TS pin raises to vdd_int level. The HIGH level is
sampled and causes the stop signal to be released and time starts counting again.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
66 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com