Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/AZ Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PCF85263ATT1/AZ
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/AZ Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PCF85263ATT1/AZ Datasheet HTML 61Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 62Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 63Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 64Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 65Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 66Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 67Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 68Page - NXP Semiconductors PCF85263ATT1/AZ Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
10 Application design-in information
In this application, stop-watch mode is used to implement an elapsed time counter. The TS pin is used with
a mechanical switch to start and stop the time. Each time the time is stopped, timestamp2 is loaded with the
current time and an interrupt is generated on the INTA pin.
sample
invert
mechanical
switch detector
vdd_int
TS pin
sample
clock, 16 Hz
TSL
aaa-010560
STOP
control
STOPM
Time
counter
stop
TSR2
load
TSR2
flag
INTA
gen.
INTA
VSS
Figure 36. Application example
The RTC must be configured correctly for this mode of operation. Outlined in Table 65 are the settings needed
for this mode.
In addition, the time must be set and any other configurations, like battery switch-over and quartz oscillator
driving mode, which depend on the application.
The sampler circuit shown in Figure 36 holds invalid data until the mechanical switch detector mode is enabled.
It then requires a minimum of one sample period to initialize to the current TS pin level. Enable the mechanical
detector mode on the TS pin at least 62.5 ms before enabling the TS event mode. Failure to do so can result in
a false first event.
Register
Section
Bit(s)
State
Comment
Pin_IO
Section 7.12
TSPM[1:0]
11
TS pin in input mode
Pin_IO
Section 7.12
TSIM
1
Select mechanical switch mode
Pin_IO
Section 7.12
TSL
1
TS pin input is active LOW
STOPM
1
Allow TS pin to control STOP
Function
Section 7.13
TSRIEA
1
Allow timestamps to create interrupts
Table 65. Application configuration
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
65 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com