Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6244HVCMS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6244HVCMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6244HVCMS8 Datasheet HTML 5Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 6Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 7Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 8Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 9Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 10Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 11Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 12Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC6244
9
6244f
VOS Distribution
VOS Distribution
VOS Temperature Coefficient
Distribution
Supply Current vs Supply Voltage
(Per Amplifier)
Offset Voltage vs Input Common
Mode Voltage
Input Bias Current vs Common
Mode Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
TOTAL SUPPLY VOLTAGE (V)
0
3
4
5
6
10
6244 G04
2
1
0
24
8
6
7
8
12
TA = 125°C
TA = 25°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
–1
0
200
500
400
3
6244 G05
–200
–100
100
300
–300
–400
0
1
2
4
–0.5
3.5
0.5
1.5
2.5
4.5 5
TA = 125°C
TA = 25°C
TA = –55°C
VS = 5V, 0V
NORMALIZED TO
25
°C VOS VALUE
Input Bias Current vs
Common Mode Voltage
Input Bias Current vs Temperature
INPUT OFFSET VOLTAGE (
µV)
–60
–40
60
80
100
120
60
6244 G01
40
20
50
70
90
110
30
10
0
–20
0
20
40
LTC6244MS8
VS = 5V, 0V
VCM = 2.5V
TA = 25°C
INPUT OFFSET VOLTAGE (
µV)
0
20
40
60
10
30
50
6244 G02
–350 –200
–50
100
250
400
–500
LTC6244DD
VS = 5V, 0V
VCM = 2.5V
TA = 25°C
DISTRIBUTION (
µV/°C)
–2.4
–1.6
–0.8
0
0.8
1.6
2.4
6
12
13
14
6422 G03
4
3
2
1
10
8
5
11
0
9
7
LTC6244MS8
VS = 5V, 0V
VCM = 2.5V
2 LOTS
–55
°C TO 125°C
VOS Temperature Coefficient
Distribution
DISTRIBUTION (
µV/°C)
–6
6
–5
5
–4
4
–3
3
–2
2
–1
1
0
6
6422 G19
4
3
2
1
10
8
5
11
0
9
7
LTC6244DD
VS = 5V, 0V
VCM = 2.5V
2 LOTS
–55
°C TO 125°C
COMMON MODE VOLTAGE (V)
0
0.5
1
10
100
1.5
2
2.5
3
3.5
4
4.5
5
6244 G06
1
0.1
1000
10000
TA = 125°C
TA = 85°C
TA = 25°C
MS8 PACKAGE
VS = 5V, 0V
COMMON MODE VOLTAGE (V)
–0.8
200
400
600
800
0
6244 G07
0
–200
100
300
500
700
–100
–300
–400
–0.6 –0.4 –0.2
0.2 0.4 0.6 0.8 1.0
TA = 125°C
TA = 25°C
MS8 PACKAGE
VS = 5V, 0V
TA = 85°C
TEMPERATURE (
°C)
25 35 45
10
100
1000
55 65 75 85 95 105 115 125
6244 G08
1
0.1
10000
MS8 PACKAGE
VCM = VS/2
VS = 10V
VS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com