Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6244HVCMS8 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC6244HVCMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC6244HVCMS8 Datasheet HTML 16Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 17Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 18Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 19Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 20Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 21Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 22Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 23Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC6244
24
6244f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0706 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1151
±15V Zero-Drift Op Amp
Dual High Voltage Operation ±18V
LT1792
Low Noise Precision JFET Op Amp
6nV/√Hz Noise, ±15V Operation
LTC2050
Zero-Drift Op Amp
2.7 Volt Operation, SOT-23
LTC2051/LTC2052
Dual/Quad Zero-Drift Op Amp
Dual/Quad Version of LTC2050 in MS8/GN16 Packages
LTC2054/LTC2055
Single/Dual Zero-Drift Op Amp
Micropower Version of the LTC2050/LTC2051 in SOT-23 and DD Packages
LT6241/LT6242
Dual/Quad, 18MHz CMOS Op Amps
Low Noise, Rail-to-Rail
TYPICAL APPLICATION
5V
VOUT = 1M • IPD
BW = 400kHz
NOISE = 150
µVRMS
MEASURED ON 100kHz
BANDWIDTH
5V
5V
5V
C1
J1
R5
4.99k
C1 TO C4: 4.7
µF X7R
J1 TO J4: PHILIPS BF862 JFETS
R1 TO R4: 4.99k
C2
C3
C4
IPD
RF
1M
R1
R2
HAMAMATSU
LARGE AREA
PHOTODIODE
S1227-1010BQ
CPD = 3000pF
CF
0.25pF
–5V
6244 TA02a
–
+
1/2
LTC6244HV
VOUT
J2
J3
R3
5V
–5V
–5V
J4
R4
Ultralow Noise Large Area Photodiode Amplifier
Photodiode Amplifier Output
Noise Spectal Density
110
(kHz)
6244 TA02b
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com