Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6244HVCMS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6244HVCMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6244HVCMS8 Datasheet HTML 7Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 8Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 9Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 10Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 11Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 12Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 13Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 14Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC6244
11
6244f
Minimum Supply Voltage
Output Short-Circuit Current
vs Power Supply Voltage
Open-Loop Gain
Open-Loop Gain
Open-Loop Gain
TYPICAL PERFOR A CE CHARACTERISTICS
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
1k
40
50
60
70
80
10k
1M
100k
10M
100M
6244 G18
30
20
10
0
–10
90
100
TA = 25°C
VS = ±2.5V
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
TOTAL SUPPLY VOLTAGE (V)
0
0
100
200
300
8
6244 G20
–100
–200
–50
50
150
250
–150
–250
–300
2
4
6
19
3
5
7
10
TA = 125°C
TA = 25°C
TA = –55°C
VCM = VS/2
POWER SUPPLY VOLTAGE (
±V)
1.5
–50
–40
–20
–10
0
50
20
2.5
3.5
4
6244 G21
–30
30
40
10
2
3
4.5
5
TA = 125°C
TA = 25°C
TA = –55°C
SOURCING
SINKING
OUTPUT VOLTAGE (V)
–5
–110
–100
–80
–70
–60
–40
–4
0
2
6244 G22
–90
–50
–1
4
5
–3 –2
13
TA = 25°C
VS = ±5V
RL = 10k
RL = 1k
OUTPUT VOLTAGE (V)
0
–40
–50
–60
–70
–80
–90
–100
–110
1.5
2.5
6244 G23
0.5
1
23
TA = 25°C
VS = 3V, 0V
RL = 100k
RL = 10k
OUTPUT VOLTAGE (V)
0
–110
–100
–80
–70
–60
–40
0.5
2.5
3.5
6244 G22
–90
–50
2
4.5
5
1
1.5
34
TA = 25°C
VS = 5V, 0V
RL = 10k
RL = 1k
Offset Voltage vs Output Current
Warm-Up Drift vs Time
Noise Voltage vs Frequency
OUTPUT CURRENT (mA)
–50
200
150
100
50
0
–50
–100
–150
– 200
30
6244 G25
–30
–10
10
50
20
–40
–20
0
40
VS = ±5V
TA = 125°C
TA = 25°C
TA = –55°C
TIME AFTER POWER UP (SEC)
0
–20
–15
–10
60
6244 G26
–30
–45
10
20
30
40
50
5
15
25
35
45
55
–5
–25
–35
–40
TA = 25°C
VS = ±1.5V
VS = ±2.5V
VS = ±5V
FREQUENCY (Hz)
10
20
25
35
40
10
1k
10k
100k
6244 G27
0
100
30
15
5
TA = 25°C
VS = ±2.5V
VCM = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com