Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6244HVCMS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6244HVCMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6244HVCMS8 Datasheet HTML 12Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 13Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 14Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 15Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 16Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 17Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 18Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 19Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC6244
16
6244f
APPLICATIO S I FOR ATIO
Large Area Photodiode Amplifiers
A simple large area photodiode amplifier is shown in
Figure 4a. The capacitance of the photodiode is 3650pF
(nominally 3000pF), and this has a significant effect on
the noise performance of the circuit. For example, the
photodiode capacitance at 10kHz equates to an impedance
of 4.36k
Ω, so the op amp circuit with 1MΩ feedback has a
noise gain of NG = 1 + 1M/4.36k = 230 at that frequency.
Therefore, the LTC6244 input voltage noise gets to the
output as NG • 7.8nV/√Hz = 1800nV/√Hz, and this can
clearly be seen in the circuit’s output noise spectrum in
Figure 4b. Note that we have not yet accounted for the
op amp current noise, or for the 130nV/√Hz of the gain
resistor, but these are obviously trivial compared to the op
amp voltage noise and the noise gain. For reference, the
DC output offset of this circuit is about 100µV, bandwidth
is 52kHz, and the total noise was measured at 1.7mVRMS
on a 100kHz measurement bandwidth.
An improvement to this circuit is shown in Figure 5a,
where the large diode capacitance is bootstrapped by a
1nV/√Hz JFET. This depletion JFET has a VGS of about
–0.5V, so that RBIAS forces it to operate at just over 1mA of
drain current. Connected as shown, the photodiode has a
reverse bias of one VGS, so its capacitance will be slightly
lower than in the previous case (measured 2640pF), but
the most drastic effects are due to the bootstrapping.
Figure 5b shows the output noise of the new circuit.
Noise at 10kHz is now 220nV/√Hz, and the 130nV/√Hz
noise thermal noise floor of the 1M feedback resistor
is discernible at low frequencies. What has happened is
that the 7.8nV/√Hz of the op amp has been effectively
replaced by the 1nV/√Hz of the JFET. This is because the
1M feedback resistor is no longer “looking back” into the
large photodiode capacitance. It is instead looking back
into a JFET gate capacitance, an op amp input capacitance,
and some parasitics, approximately 10pF total. The large
photodiode capacitance is across the gate-source volt-
age of the low noise JFET. Doing a sample calculation at
10kHz as before, the photodiode capacitance looks like
6k
Ω, so the 1nV/√Hz of the JFET creates a current noise
of 1nV/6k = 167fA/√Hz. This current noise necessarily
flows through the 1M feedback resistor, and so appears
as 167nV/√Hz at the output. Adding the 130nV/√Hz of the
resistor (RMS wise) gives a total calculated noise density
of 210nV/√Hz, agreeing well with the measured noise of
Figure 5b. Another drastic improvement is in bandwidth,
now over 350kHz, as the bootstrap enabled a reduction
of the compensating feedback capacitance. Note that the
bootstrap does not affect the DC accuracy of the amplifier,
except by adding a few picoamps of gate current.
There is one drawback to this circuit. Most photodiode
circuits require the ability to set the amount of applied
reverse bias, whether it’s 0V, 5V, or 200V. This circuit has
a fixed reverse bias of about 0.5V, dictated by the JFET.
Figure 4b. Output Noise Spectral Density of the Circuit of Figure
4a. At 10kHz, the 1800nV/√Hz Output Noise is Due Almost
Entirely to the 7.8nV Voltage Noise of the LTC6244 and the High
Noise Gain of the 1M Feedback Resistor Looking Into the High
Photodiode Capacitance
5V
VOUT = 1M • IPD
BW = 52kHz
NOISE = 1800nV/
√Hz AT 10kHz
IPD
RF
1M
HAMAMATSU
LARGE AREA
PHOTODIODE
S1227-1010BQ
CPD = 3000pF
CF
3.9pF
–5V 6244 F04a
–
+
1/2
LTC6244HV
VOUT
Figure 4a. Large Area Photodiode Transimpedance Amplifier
1k
10k
FREQUENCY (Hz)
6244 F04b
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com