Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6244HVCMS8 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC6244HVCMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC6244HVCMS8 Datasheet HTML 15Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 16Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 17Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 18Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 19Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 20Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 21Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 22Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC6244
19
6244f
Figure 8b: Output Noise Spectrum of the Circuit in Figure 8a.
Noise at 1MHz is 782nV/√Hz, Due Mostly to the Input Current
Noise Rising with Frequency
Total capacitance at the amplifier’s input is now one CCM
(2.1pF) plus the photodiode capacitance CPD (1.8pF), or
about 4pF accounting for parasitics. The shunt impedance
at 1MHz, for example, is XC = 1/(2πfC) = 39.8kΩ, and
therefore, the noise gain at 1MHz is NG = 1+Rf/XC = 26.
The input voltage noise of this amplifier is about 15nV/√Hz,
after accounting for the effects of R1 through R3, the
noise of the second stage and the fact that voltage noise
does rise with frequency. Multiplying the noise gain by
the input voltage noise gives an output noise density due
to voltage noise of 26 • 15nV/√Hz = 390nV/√Hz. But the
noise spectral density plot of Figure 8b shows an output
noise of 782nV/√Hz at 1MHz. The extra output noise is
due to input current noise, multiplied by the feedback
impedance. So while the circuit of Figure 8a does increase
bandwidth, it does not offer a noise advantage. Note,
however, that the 1.2mVRMS of noise is now measured in
a 2MHz bandwidth, instead of over a 350kHz bandwidth
of the previous example.
A Low Noise Fully Differential Buffer/Amplifier
In differential signal conditioning circuits, there is often a
need to monitor a differential source without loading or
APPLICATIO S I FOR ATIO
adding appreciable noise to the circuit. In addition, add-
ing gain to low level signals over appreciable bandwidth
is extremely useful. A typical application for a low noise,
high impedance, differential amplifier is in the baseband
circuit of an RFID (radio frequency identification) receiver.
The baseband signal of a UHF RFID receiver is typically a
low level differential signal at the output of a demodulator
with differential output impedance in the range of 100
Ω to
400
Ω. The bandwidth of this signal is 1MHz or less.
The circuit of Figure 9a uses an LTC6244 to make a low
noise fully differential amplifier. The amplifier’s gain, input
impedance and –3dB bandwidth can be specified indepen-
dently. Knowing the desired gain, input impedance and
–3dB bandwidth, RG, CF and CIN can be calculated from
the equations shown in Figure 9b. The common mode
gain of this amplifier is equal to one (VOUTCM = VINCM)
and is independent of resistor matching. The component
values in the Figure 9a circuit implement a 970kHz, gain
= 5, differential amplifier with 4k input impedance. The
output differential DC offset is typically less than 500µV.
The differential input referred noise voltage density is
shown in Figure 10. The total input referred noise in a
1MHz bandwidth is 16µVRMS.
50k
1M
FREQUENCY (Hz)
6244 F08b
5M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com