Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6244HVCMS8 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC6244HVCMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC6244HVCMS8 Datasheet HTML 13Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 14Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 15Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 16Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 17Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 18Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 19Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 20Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC6244
17
6244f
Figure 5b: Output Noise Spectral Density of Figure 5a. The
Simple JFET Bootstrap Improves Noise (and Bandwidth)
Drastically. Noise Density at 10kHz is Now 220nV/√Hz, About
a 8.2x Reduction. This is Mostly Due to the Bootstrap Effect
of Swapping the 1nV/√Hz of the JFET for the 7.8nV/√Hz of the
Op Amp
5V
VOUT = 1M • IPD
BW = 350kHz
OUTPUT NOISE = 220nV/
√Hz
AT10kHz
IPD
RF
1M
PHILIPS
BF862
JFET
RBIAS
4.99k
HAMAMATSU
LARGE AREA
PHOTODIODE
S1227-1010BQ
CPD = 3000pF
CF
0.25pF
–5V
–5V
5V
6244 F04a
–
+
1/2
LTC6244HV
VOUT
Figure 5a. Large Area Diode Bootstrapping
APPLICATIO S I FOR ATIO
Figure 6b: Output Spectrum of Circuit of Figure 6a, with
Photodiode Bias at 0V. Photodiode Capacitance is Back Up,
as in the Original Circuit of Figure 4a. However, it can be
Reduced Arbitrarily by Providing Reverse Bias. This Plot
Shows that Bootstrapping Alone Reduced the 10kHz Noise
Density by a Factor of 6.2, from 1800nV/√Hz to 291nV/√Hz.
Figure 6a. The Addition of a Capacitor and Resistor Enable the
Benefit of Bootstrapping While Applying Arbitrary Photodiode
Bias Voltage VBB
5V
VOUT = 1M • IPD
BW = 250kHz
OUTPUT NOISE = 291nV/
√Hz
AT 10kHz
5V
VBB
IPD
RF
1M
PHILIPS
BF862
JFET
HAMAMATSU LARGE AREA
PHOTODIODE
S1227-1010BQ
CPD = 3000pF
CF
0.25pF
–5V 6244 F06a
–
+
1/2
LTC6244HV
–5V
4.99k
4.7
µF
X7R
4.99k
VOUT
by providing reverse bias, and the photodiode can also be
reversed to support either cathode or anode connections
for positive or negative going outputs.
The circuit on the last page of this data sheet shows fur-
ther reduction in noise by paralleling four JFETs to attain
152nV/√Hz at 10kHz, a noise of 12 times less than the
basic photodiode circuit of Figure 4a.
The solution is as shown in the circuit of Figure 6a, which
uses a capacitor-resistor pair to enable the AC benefits of
bootstrapping while allowing a different reverse DC voltage
on the photodiode. The JFET is still running at the same
current, but an arbitrary reverse bias may be applied to
the photodiode. The output noise spectrum of the circuit
with 0V of photodiode reverse bias is shown in Figure 6b.
Photodiode capacitance is again 3650pF, as in the original
circuit of Figure 4a. This noise plot with 0V bias shows
that bootstrapping alone was responsible for a factor of
6.2 noise reduction, from 1800nV/√Hz to 291nV/√Hz at
10kHz, independent of photodiode capacitance. However,
photodiode capacitance can now can be reduced arbitrarily
1k
10k
FREQUENCY (Hz)
6244 F05b
100k
1k
10k
FREQUENCY (Hz)
6244 F06b
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com