Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6244HVCMS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6244HVCMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6244HVCMS8 Datasheet HTML 9Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 10Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 11Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 12Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 13Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 14Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 15Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 16Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC6244
13
6244f
TYPICAL PERFOR A CE CHARACTERISTICS
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
Large-Signal Response
Large-Signal Response
Output Overdrive Recovery
Small-Signal Response
Small-Signal Response
VS = ±2.5V
AV = 1
RL = ∞
0V
6244 G40
200ns/DIV
VS = ±2.5V
AV = 1
RL = ∞
CL = 75pF
0V
6244 G41
200ns/DIV
VS = ±5V
AV = 1
RL = ∞
0V
6244 G42
2
µs/DIV
VS = ±2.5V
AV = –1
RL = 1k
0V
6244 G43
200ns/DIV
VS = ±2.5V
AV = 3
RL = 3k
0V
VIN
1V/DIV
VOUT
2V/DIV
0V
6244 G44
200ns/DIV
FREQUENCY (Hz)
10k
–60
–50
–40
–30
100k
1M
10M
6244 G37
–70
–80
–90
–100
VS = ±2.5V
AV = +2
VOUT = 2VP-P
RL = 1k, 2ND
RL = 1k, 3RD
FREQUENCY (Hz)
10k
–60
–50
–40
–30
100k
1M
10M
6244 G38
–70
–80
–90
–100
VS = ±5V
AV = +1
VOUT = 2VP-P
RL = 1k, 2ND
RL = 1k, 3RD
FREQUENCY (Hz)
10k
–60
–50
–40
–30
100k
1M
10M
6244 G39
–70
–80
–90
–100
VS = ±5V
AV = +2
VOUT = 2VP-P
RL = 1k, 2ND
RL = 1k, 3RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com