Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6244HVCMS8 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6244HVCMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6244HVCMS8 Datasheet HTML 14Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 15Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 16Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 17Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 18Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 19Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 20Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 21Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC6244
18
6244f
Small Area Photodiode Amplifiers
Small area photodiodes have very low capacitance, typically
under 10pF and some even below 1pF. Their low capaci-
tance makes them more approximate current sources to
higher frequencies than large area photodiodes. One of
the challenges of small area photodiode amplifier design
is to maintain low input capacitance so that voltage noise
does not become an issue and current noise dominates. A
simple small area photodiode amplifier using the LTC6244
is shown in Figure 7. The input capacitance of the ampli-
fier consists of CDM and one CCM (because the +input is
APPLICATIO S I FOR ATIO
Figure 8a: Using Both Op Amps for Higher Bandwidth. A1 Provides a Gain of 3 Within the Loop, Increasing the Gain Bandwidth
Product. This Bootstraps the CDM Accross A1’s Inputs, Reducing Amplifier Input Capacitance. Inversion is Provided by A2, so that
the Photodiode Looks Into a Noninverting Input. Pin 5 was Selected Because it is in the Corner, Removing One Lead Capacitance
5V
–5V
IPD
RF
1M
R3
1k
R2
1k
R4
6.98k
R1
499
9
SMALL AREA
PHOTODIODE
VISHAY
TEMD1000
CPD = 1.8pF
0.07pF
(PARASITIC)
C2
150pF
C1
56pF
–5V
6244 F08a
–
+
A1 1/2
LTC6244HV
VOUT
8
4
1
7
5
6
–
+
A2 1/2
LTC6244HV
2
3
VOUT = 1M • IPD
BW = 1.6MHz
NOISE = 1.2mVRMS
MEASURED ON A
2MHz BW
5V
VOUT = 1M • IPD
BW = 350kHz
NOISE = 120
mVRMS
MEASURED ON A
350kHz BW
IPD
RF
1M
SMALL AREA
PHOTODIODE
VISHAY
TEMD1000
CPD = 1.8pF
CF
0.1pF
–5V
–5V
6244 F07
–
+
1/2
LTC6244HV
VOUT
Figure 7. LTC6244 in a Normal TIA Configuration
grounded), or about 6pF total. The small photodiode has
1.8pF, so the input capacitance of the amplifier is dominating
the capacitance. The small feedback capacitor is an actual
component (AVX Accu-F series), but it is also in parallel
with the op amp lead, resistor and parasitic capacitances,
so the total real feedback capacitance is probably about
0.4pF. The reason this is important is that this sets the
compensation of the circuit and, with op amp gain band-
width, the circuit bandwidth. The circuit as shown has a
bandwidth of 350kHz, with an output noise of 120µVRMS
measured over that bandwidth.
The circuit of Figure 8a makes some slight improvements.
Operation is still transimpedance mode, with RF setting
the gain to 1M
Ω. However, a noninverting input stage A1
with a gain of 3 has been inserted, followed by the usual
inverting stage performed by A2. Note what this achieves.
The amplifier input capacitance is bootstrapped by the
feedback of R2:R1, eliminating the effect of A1’s input
CDM (3.5pF), and leaving only one CCM (2.1pF). The op
amp at Pins 5, 6 and 7 was chosen for the input amplifier
to eliminate extra pin-to-pin capacitance on the (+) input.
The lead capacitance on the corner of an MSOP package is
only about 0.15pF. By using this noninverting configura-
tion, input capacitance is minimized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com