Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6244HVCMS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6244HVCMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC6244HVCMS8 Datasheet HTML 1Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 2Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 3Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 4Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 5Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 6Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 7Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 8Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6244
2
6244f
Total Supply Voltage (V+ to V–)
LTC6244 .................................................................7V
LTC6244HV...........................................................12V
Input Voltage.......................... (V+ + 0.3V) to (V– – 0.3V)
Input Current........................................................±10mA
Output Short Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range
LTC6244C ............................................ –40°C to 85°C
LTC6244I ............................................. –40°C to 85°C
LTC6244H .......................................... –40°C to 125°C
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Specified Temperature Range (Note 3)
LTC6244C ................................................ 0°C to 70°C
LTC6244I ............................................. –40°C to 85°C
LTC6244H .......................................... –40°C to 125°C
Junction Temperature ........................................... 150°C
DD Package ...................................................... 125°C
Storage Temperature Range................... –65°C to 150°C
DD Package ....................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
´ 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
B
A
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/W
ORDER PART NUMBER
DD PART MARKING*
ORDER PART NUMBER
MS8 PART MARKING*
LTC6244CDD
LTC6244HVCDD
LTC6244IDD
LTC6244HVIDD
LCCF
LCGD
LCCF
LCGD
LTC6244CMS8
LTC6244HVCMS8
LTC6244IMS8
LTC6244HVIMS8
LTC6244HMS8
LTCCM
LTCGF
LTCCM
LTCGF
LTCCM
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identifed by a label on the shipping container.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com