Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6008 Datasheet(PDF) 2 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6008
Description  5V/3.1A Type-C Solution Power Bank
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6008 Datasheet(HTML) 2 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW6008 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SW6008
5V/3.1A Type-C Solution Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS065_v1.3
2
4. Functional Block Diagram
Power
Control
Module
GATEC
CC1
CC2
LED1
LED2
LED3
LED4
LED5
1uH
10mΩ
10uF
10uF
LED/SEG
Driver
Or
I2C
CC1
CC2
DPA1
DPA2/DATA
LED1/SCK
LED2/SDA
LED3/IRQ
LED4/I2C
SW
VOUTSN
VOUTSP
KEY/BSET
KEY/GSET
Internal
Power
VCC
PUSH KEY
NTC/WLED
Type-C
Micro-B
VBUS
GND
DM
DP
VBUS
DM
CC1
CC2
DP
GND
CC1
CC2
DPA1
DPA2/DATA
MCU
EPAD
VBAT
DPC
10uF
0.1uF
Power Path
Module
VBUSC
VOUT
22uF
10uF
LED1/SCK
LED2/SDA
LED3/IRQ
LED4/I2C
LED1/SCK
LED2/SDA
LED3/IRQ
LED4/I2C
22uF
BST
0.1uF
22uF
DPA1
10uF
Type-A
VBUS
GND
DM
DP
VBUSA
10uF
Port-L
VBUS
GND
DATA
VBUSB
DPA2/DATA
DPC
DPC
Type-C
LED5/CSET
LED5/CSET
1
8
8
S
E
G
Rcset
LED1/SCK
LED2/SDA
LED3/IRQ
LED4/I2C
LED5/CSET
Rbset
VCC
VCC
BAT
VOUTP
BC1.2
VOUTP
20R
WLED
100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com