Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6008 Datasheet(PDF) 1 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6008
Description  5V/3.1A Type-C Solution Power Bank
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6008 Datasheet(HTML) 1 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW6008 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SW6008
5V/3.1A Type-C Solution Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS065_v1.3
1
5V/3.1A Type-C Solution Power Bank
1. General Description
The SW6008 is a highly integrated power management IC for type-c power bank application, and
supports A+B+C+L or A+A+B+C four ports. It integrates 3A switching charger, 3.1A synchronous
boost, fuel gauge, segment/led driver and power controller. With simple external components, The
SW6008 provides a turn-key high efficiency solution for type-c battery management.
2. Applications
• Power Bank
• Battery Powered Device
3. Features
• Switching Charger
➢ Current up to 3A , Efficiency up to 96%
➢ Support 4.2/4.35/4.4/4.5V Battery
Voltage
➢ Support JEITA
➢ Thermal Regulation
• Synchronous Boost
➢ Current up to 3.1A, Efficiency up to
95%
➢ Load Insert Detect and Light Load
Detect
➢ Support Small Current Charge Mode
• Type-C Interface
➢ Support Type-C Specification
➢ Support try.SRC Role
• BC1.2 Module
➢ Support BC1.2 DCP
➢ Support Apple & Samsung Device
• Lightning Decryption
➢ Support Lightning Decryption
• Fuel Gauge
➢ Include 12bit ADC
➢ Support Coulometer
➢ Support Segment Driver
➢ Support 3~5 LEDs Driver
• WLED Driver
➢ Support WLED Driver
• Key Support
➢ Support Push Key
• Protection
➢ Input Over Voltage Protection
➢ Output Over Current Protection
➢ Output Short Protection
➢ Charger Over Voltage Protection
➢ Over Temperature Protection
• I2C Interface
• QFN-32(4x4mm) Package


Similar Part No. - SW6008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW60 ETC-SW60 Datasheet
721Kb / 7P
80 AMPERE MINIATURE DIRECT CURRENT CONTACTORS
logo
BOWEI Integrated Circui...
SW601 BOWEI-SW601 Datasheet
346Kb / 1P
6-SPST Switches
SW601B BOWEI-SW601B Datasheet
346Kb / 1P
6-SPST Switches
logo
Xian Semipower Electron...
SW601Q SEMIPOWER-SW601Q Datasheet
447Kb / 4P
N-channel SOT-23 MOSFET
logo
BOWEI Integrated Circui...
SW602 BOWEI-SW602 Datasheet
346Kb / 1P
6-SPST Switches
More results

Similar Description - SW6008

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280002C12 TRIPPLITE-U280002C12 Datasheet
504Kb / 2P
Dual USB Tablet - Phone Car Charger, 5V - 3.1A
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
Easy to Use Power Bank Solution
RT9481 RICHTEK-RT9481 Datasheet
1Mb / 41P
Easy to Use Power Bank Solution
RT9483 RICHTEK-RT9483 Datasheet
187Kb / 16P
Easy to Use Power Bank Solution
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813 Datasheet
646Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
Tripp Lite. All Rights ...
U280-002-C12 TRIPPLITE-U280-002-C12 Datasheet
516Kb / 2P
Dual USB Tablet / Phone Car Charger, 5V 3.1A / 15.5W
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813_15 Datasheet
645Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480_17 Datasheet
176Kb / 16P
Easy to Use Power Bank Solution Integrated Chip
logo
Shenzhen Huazhimei Semi...
HM1801 HMSEMI-HM1801 Datasheet
502Kb / 8P
HM1801-SIP of Power Bank Total Solution
HM1803 HMSEMI-HM1803 Datasheet
546Kb / 13P
HM1803-SIP of Power Bank Total Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com