Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6008 Datasheet(PDF) 11 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6008
Description  5V/3.1A Type-C Solution Power Bank
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6008 Datasheet(HTML) 11 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6008 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 14Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 15Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SW6008
5V/3.1A Type-C Solution Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS065_v1.3
11
9.8. Fuel Gauge
The SW6008 integrates coulometer to obtain accurate battery capacity.
The coulometer supports battery maximal capacity self-learning, and can learn the battery current
maximal capacity in one complete charge cycle .
The battery initial capacity can be set by a resister which connecting LED5/CSET pin to ground. The
relation between initial capacity Cset and resister Rcset is:
Rset=( Cset +2000 )*5/3
While Cset unit is mAh, and Rset unit is Ω.
The constant charge time can be set by register in I2C mode, and set by LED3/IRQ pin in segment/led
mode.
9.9. ADC
The SW6008 integrates 12 bit ADC, and samples VOUT voltage/IOUT current/battery voltage/NTC
voltage/chip temperature.
ADC channel
Range
Step
VOUT voltage
0~16.384V
4mV
IOUT current
0~6.4A
25/16mA
Battery voltage
0~4.915V
1.2mV
NTC voltage
0~4.505V
1.1mV
Chip temperature
-100~200℃
1/6.82℃
9.10. NTC Function
The SW6008 integrates NTC function. It monitors battery temperature and protects when battery
temperature is abnormal. NTC Pin will source a current to a NTC thermistor of 103AT, and measure
the voltage to calculate battery temperature. NTC Pin will source 80uA for higher accuracy when NTC
thermistor is in low resistance, and 40uA/20uA for wider range in high resistance. It sources 80uA in
default mode. While sourcing 80uA, When NTC voltage is higher than 1.764V, it changes to 40uA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com