Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6008 Datasheet(PDF) 4 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6008
Description  5V/3.1A Type-C Solution Power Bank
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6008 Datasheet(HTML) 4 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW6008 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SW6008
5V/3.1A Type-C Solution Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS065_v1.3
4
and flash led driver.
13
VCC
Internal power.
14
KEY/BSET
Push key input, and battery voltage set.
15
GATEC
Type-C port power path control pin.
16
VBUSC
Type-C port voltage sense pin.
17
CC2
Type-C port configure channel CC2.
18
CC1
Type-C port configure channel CC1.
19
DPC
Type-C port DP pin.
20
DPA2/DATA
Type-A2 port DP, or lightning decryption pin.
21
DPA1
Type-A1 port DP pin.
22, 23
VBUSA
Type-A port output pin.
24, 25
VOUTP
Input and output common pin.
26, 27
VBUSB
Micro-B port input pin.
28
VOUTSP
Current sense positive pin.
29
VOUTSN
Current sense negative pin.
30, 31, 32
VOUT
Boost output and charger input.
EPAD
Exposed pad.
6. Absolute Maximum Ratings
Parameters
Symbol
MIN
MAX
UNIT
Input Voltage
VBUSB
-0.3
16
V
Output Voltage
VOUT/VOUTSP/VOUTSN/
VOUTP/VBUSA
-0.3
7
V
Input/Output Voltage
VBUSC
-0.3
16
SW Voltage
SW
-0.3
12
V
BST Voltage
BST-SW
-0.3
6
V
Power Path Control
Voltage
GATEC
-0.3
21
V
Other Pin Voltage
-0.3
6
V
Junction Temperature
-40
+150
°C
Storage Temperature
Range
-60
+150
°C
ESD(HBM)
-4
+4
KV
【
Notice】Stresses beyond those listed under absolute maximum ratings may cause permanent
damage to the device. These are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com