Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6008 Datasheet(PDF) 9 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6008
Description  5V/3.1A Type-C Solution Power Bank
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6008 Datasheet(HTML) 9 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6008 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SW6008
5V/3.1A Type-C Solution Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS065_v1.3
9
9.2. Boost Mode
The SW6008 integrates a synchronous boost with output current up to 3.1A and efficiency is up to
95%.
The synchronous boost works in PSM/PWM mode. It works in PSM mode when in light load and in
PWM mode in heavy load to make a better efficiency. It will automatically change in these two modes
base on output current.
The synchronous boost has battery temperature regulation and protection. When battery temperature
is abnormal,boost will stop to protect battery. While using a typical NTC thermistor of 103AT, When
battery temperature is higher than 60℃ or lower than -20℃, boost will stop and turn off. When battery
temperature enters into normal range, boost will not automatically restart except a start condition such
as short key or load detect occur. Resisters can be in series or parallel with the NTC thermistor to
change the protection temperature range.
The synchronous boost integrates thermal regulation. When die temperature rises to boost thermal
regulation threshold, output voltage will automatically fall down so as die temperature stop increasing.
If die temperature still rises to thermal shutdown threshold, boost will stop and turn off. When die
temperature falls to thermal shutdown hysteresis, boost will not automatically restart except a start
condition such as short key or load detect occur.
The synchronous boost integrates input under voltage, output over voltage, output overload and short
protection.
9.3. Power Path
The SW6008 supports Type-A+Micro-B+Type-C+Lightning. Type-A and Type-C port supports BC1.2,
and Lightning port supports lightning cable decryption. Besides, DPA2/DATA can be configured to
BC1.2 function of the expanded Type-A port, so to supports Type-A1+Type-A2+Micro-B+Type-C.
When short key occurs or load inserts, Type-A port will turn on to power supply extern device, and
light load detection will turn off Type-A/Type-C port while light load current is about 60mA. When
SOURCE is attached, Type-C port will turn on and charger will automatically turn on to charge battery.
When SINK is attached, Type-C port will turn on and boost will automatically turn on to supply device.
When SINK is unattached, Type-C port will turn off and boost will automatically turn off. Type-C port
also support light load detection. When SINK is light load, Type-C port and boost will turn off to
reduce power consumption.When adapter inserts, Micro-B/Lightning port will turn on and charger will
automatically turn on.
The SW6008 supports charging the battery and supplying extern device simultaneously, and light load
detection for output ports will be disabled at this moment. This function can be disabled if not needing.
The SW6008 supports Type-A/Type-C ports supplying extern devices simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com