Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6008 Datasheet(PDF) 10 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6008
Description  5V/3.1A Type-C Solution Power Bank
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6008 Datasheet(HTML) 10 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6008 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 14Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SW6008
5V/3.1A Type-C Solution Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS065_v1.3
10
9.4. Small Current Charge Mode
The SW6008 supports small current charge mode. This mode is set by register in I2C mode, and set
by pin in segment/led mode.
In small current charge mode, SW6008 can charge small current device such as bluetooth headset.
When enter into small current charge mode, light load detect will be disabled for two hours, and double
short key will also quit this mode. Besides, fuel gauge display will also change to indicate it is in small
current charge mode. Small current charge mode is set when LED2/SDA pin connects a 100KΩ
resister to ground.
9.5. Type C Interface
The SW6008 integrates Type-C logic controller include try.SRC role. When SOURCE is attached,
charger will automatically turn on to charge battery. When SOURCE is detached, charger will
automatically turn off. When SINK is attached, boost will automatically turn on to supply device.
When SINK is detached, boost will turn off .
When SINK is attached and boost turns on , the SW6008 works in SOURCE role, and will broadcast
power level of 3A. if adapter inserts in Micro-B or Lightning port and boost not turns on, the SW6008
will also broadcast power level of 3A.
9.6. BC1.2 Module
The SW6008 integrates BC1.2 controller, and automatically detects apple and samsung devices:
Apple 2.4A mode: DP=2.7V, DM=2.7V;
Samsung 2A mode: DP=1.2V, DM=1.2V;
9.7. Lightning Decryption
The SW6008 integrates lightning decryption. DPA2/DATA pin can be configured to BC1.2 function
of the expanded Type-A port or lightning decryption. This configuration is set by register in I2C mode,
and set by pin in segment/led mode. DPA2/DATA pin is set to lightning decryption when LED1/SCK
pin connects a 100KΩ resister to ground, or BC1.2 function of the expanded Type-A port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com