Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6008 Datasheet(PDF) 12 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6008
Description  5V/3.1A Type-C Solution Power Bank
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6008 Datasheet(HTML) 12 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6008 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 14Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 15Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 16Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SW6008
5V/3.1A Type-C Solution Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS065_v1.3
12
While sourcing 40uA, When NTC voltage is lower than 0.718V, it changes to 80uA; When NTC
voltage is high than 1.7V, it changes to 20uA; While sourcing 20uA, When NTC voltage is lower than
0.678V, it changes to 40uA.
While using a typical NTC thermistor of 103AT, protection threshold and NTC voltage in discharge
mode is as below:
Threshold Description
NTC Temperature/℃
NTC Voltage/V
NTC Current/uA
NTC Low Temperature Protection
-20
1.355
20
NTC High Temperature Protection
60
0.242
80
Protection threshold and NTC voltage in Charge mode is as below:
Threshold Description
NTC Temperature/℃
NTC Voltage/V
NTC Current/uA
NTC Low Temperature Protection
0
1.091
40
NTC JEITA Low Temperature for
Reducing Current
5
1.764/0.882
80/40
NTC JEITA Low Temperature for
Returning to Normal
10
1.437/0.718
80/40
NTC JEITA High Temperature for
Returning to Normal
40
0.466
80
NTC JEITA High Temperature for
Reducing Target Voltage
45
0.393
80
NTC High Temperature Protection
50
0.333
80
Resisters can be in series or parallel with the NTC thermistor to change the protection temperature
range. If not needing NTC protection, NTC pin should connect a 10KΩ resister to ground.
9.11. Segment Driver
The SW6008 integrates 188 segment driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com