Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6008 Datasheet(PDF) 5 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6008
Description  5V/3.1A Type-C Solution Power Bank
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6008 Datasheet(HTML) 5 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW6008 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SW6008
5V/3.1A Type-C Solution Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS065_v1.3
5
7. Recommended Operating Conditions
Parameters
Symbol
MIN
Typical
MAX
UNIT
Input Voltage
VBUSB/VBUSC
4.5
5.5
V
Battery Voltage
BAT
2.8
4.5
V
8. Electrical Characteristics
(VIN = 5V,
VBAT = 3.7V, TA= 25°C, unless otherwise specified.)
Parameters
Symbol
Test Conditions
MIN
TYP
MAX
UNIT
Power Supply
VBUSB/VBUSC
Input Voltage
VBUSB/C
VBUSB/VBUSC
4
5.5
V
VBUSB/VBUSC
Input UVLO Threshold
VBUSB/C_UVLO
VBUSB/VBUSC
Voltage Falling
4.0
4.125
4.25
V
VBUSB/VBUSC
Input UVLO Hysteresis
VBUSB/C_UVLO_HYS
VBUSB/VBUSC
Voltage Rising
150
275
400
mV
VBUSB/VBUSC
Input OVP Threshold
VBUSB/C_OVP
VBUSB/VBUSC
Voltage Rising
5.5
5.6
5.7
V
VBUSB/VBUSC
Input OVP Hysteresis
VBUSB/C_OVP_HYS
VBUSB/VBUSC
Voltage Falling
200
300
400
mV
VCC Output Voltage
VCC
Boost or VBUSB/VBUSC Insert
4.5
5
5.35
V
Power Off
VBAT
V
VCC Output current
ICC
Boost or VBUSB/VBUSC Insert
40
60
80
mA
Power Off
40
60
80
mA
Power MOS Rdson
High Side NMOS
RDSON_H
12
14
17
Low Side NMOS
RDSON_L
10
12
15
Peak Current Limit for
High Side NMOS
IPEAK_H
Charge Mode
6
7
9
A
Peak Current Limit for
Low Side NMOS
IPEAK_L
Boost Mode
7
8
10
A
Charge Mode
Trickle Charge End Voltage
VTC
2.9
3
3.1
V
Trickle Charge Current(IBAT)
ITC
VBAT < 1.5V
40
70
100
mA
1.5V< VBAT < 3V
200
300
400
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com