Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6008 Datasheet(PDF) 8 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6008
Description  5V/3.1A Type-C Solution Power Bank
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6008 Datasheet(HTML) 8 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6008 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6008 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SW6008
5V/3.1A Type-C Solution Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS065_v1.3
8
VTC
VBAT_FULL
ITC
IEND
ICC
Trickle
charge
CC
charge
CV
charge
The battery target voltage can be set by KEY/BSET pin. When KEY/BSET is pulled up to VCC with
a 10KΩ resister, 4.2V is set; when selecting a 15KΩ resister, 4.35V is set; when selecting a 5.6KΩ
resister, 4.4V is set; when selecting a 3KΩ resister, 4.5V is set.
Input charge current is set to 2A for Micro-B and Lightning port, and 3A for Type-C port.
The switching charger has battery temperature protection and support JEITA. It monitors battery
temperature by measuring the voltage of NTC pin which connects to a negative temperature coefficient
(NTC) thermistor. When battery temperature is abnormal,charger will reduce charge current, reduce
target charge voltage or stop to protect battery.While using a typical NTC thermistor of 103AT, When
battery temperature is lower than 5℃, charger will reduce charge current by half; When battery
temperature continues to fall to lower than 0℃, charger will stop; When battery temperature rises to
5℃, charger will restart and reduce charge current by half; When battery temperature continues to rise
to higher than 10℃, charge current will return to normal; When battery temperature is higher than
45℃, charger will reduce target charge voltage by 0.1V; When battery temperature continues to rise
to higher than 50℃, charger will stop; When battery temperature falls to 45℃, charger will restart and
reduce target charge voltage by 0.1V; When battery temperature continues to fall to lower than 40℃,
target charge voltage will return to normal. Resisters can be in series or parallel with the NTC
thermistor to change the protection temperature range. JEITA function can be disabled if not needing.
The switching charger integrates thermal regulation. When die temperature rises to the charge thermal
regulation threshold, charge current will automatically fall down so the die temperature stops
increasing. If temperature continues rising to thermal shutdown temperature, charger will stop and the
SW6008 powers off.
The switching charger integrates over time protection. When charging remains in trickle charge beyond
the trickle charge over time, tTC_OT, or charging remains in constant current charge beyond the constant
current charge over time, tCC_OT, charger will terminate. Charger will restart only when re-inserting the
adapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com