Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4963-2M Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 39Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 40Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 41Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 42Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 43Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 44Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 45Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 46Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
43
Angle sensors
www.infineon.com/angle-sensors
Features
› Easy-to-use, plug-and-play sensors, pre-configured and pre-calibrated
› Offering high flexibility:
– Available as single and dual die products
– 12bit digital interface with protocol options PWM, SENT, SPC and SPI
– E2 PROM and look-up table for customer configuration and calibration
› High angle accuracy: max. 1.0° over temperature and lifetime
› High voltage capability up to 26 V
› Development fully compliant with ISO 26262
– Developed acc. ASIL D level
– Dual die sensors reaching ASIL D, single die sensors ASIL C metrics
› Safety manual and safety analysis summary report available on request
Applications
› Steering angle sensing (SAS)
› Motor commutation
› Rotor position measurement
› Pedal position
› Safety applications
› Any other kind of high-accuracy position measurement
TLE5014(D)
Digital iGMR2) sensor with an easy-to-use plug-and-play concept for highest functional safety applications
S
N
X
SPI
Y
A/D
A/D
All XENSIV™ TLE5014 angle sensors are available as single and dual die products. The products come pre-configured and pre-cali-
brated as plug-and-play sensors and are easy to use. Customers can choose between the interfaces SENT, PWM, SPC, and SPI. On
top of those protocol options, the sensors can be adapted to any kind of application setup via their programmable E²PROM inter-
faces. TLE5014 magnetic angle sensors meet ISO 26262 ASIL C for the single die and ISO 26262 ASIL D for the dual die versions. All
products are ready for applications with the highest functional safety requirements. The sensors show an extremely small angle
error of less than 1° across the entire temperature profile and lifetime. This is particularly helpful in applications with the need for
very accurate position sensing such as steering angle sensing or motor commutation. Further application areas range from rotor
position measurement, electric power steering (EPS), pedal position to any other kind of position measurement.
1) More information on PRO-SIL™, see page 88
2) Giant Magneto Resistance
iGMR based angle sensors
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com