Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4963-2M Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 14Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 15Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 16Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 17Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 18Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 19Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 20Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 21Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
18
XENSIV™ sensors in
hybrid powertrains
fications to the architecture of a combustion engine. All it
requires is a slightly larger starter battery and starter motor
and modifications to the software in the controller.
Diagram of the crankshaft coming to rest when ignition is
shut off [1]
Figures 2 and 3 show how the disengaged crankshaft
comes to a stop when the ignition is turned off as well as
the quickest possible start for an Otto engine when com-
pressed air is still in the cylinder (known as a direct start).
Diagram showing how a crankshaft starts turning again
after a direct start [1]
Vibrations while stationary
Modern cars carry out a range of self-diagnostic checks
as soon as the driver’s door is opened. This reduces the
amount of time it takes for a warning lamp to light up. A lot
of other things can happen, however, from the moment the
car door is opened to the time the car pulls away. The car
can be loaded, for example, or children have to be buckled
into their seats. As such, it is completely normal for the car
to rock slightly while stationary. These slight movements
travel through the drive wheels, transmission and clutch
and cause the crankshaft trigger wheel to turn. In some un-
fortunate situations, this can result in the crankshaft sensor
picking up a valid magnetic signal.
To overcome this issue, an algorithm has been implement-
ed in the sensor to delete calibration data generated before
the engine is switched on.
If we take just a brief look at the wide range of hybrid archi-
tectures, it quickly becomes clear that this add-on function
will help car manufacturers to identify and ignore any
inaccurate calibration data.
Signal output by the crankshaft sensor when a car is
being loaded
As figure 4 shows, we can draw several conclusions from
the sensor’s output signals over time. Firstly, we can see
that the nominal rotational speed was not reached as soon
as the sensor was activated. Consequently, the calibration
data gathered up to the time where the nominal rotational
speed was achieved can be reset without difficulty. Sec-
ondly, we see that this procedure can be repeated multiple
times if the sensor does not identify a tooth for a certain
period of time.
Hybrid algorithm
A new function is required for a “big” plug-in hybrid solu-
tion. To correctly identify the position of the crankshaft
trigger wheel, an algorithm has been implemented in the
sensor that detects slower, sub-nominal crankshaft rota-
tion and, in conjunction with other monitoring functions,
prevents incorrect calibrations. New calibration data is only
accepted when the system is operating normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com