Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4963-2M Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 15Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 16Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 17Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 18Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 19Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 20Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 21Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 22Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
19
XENSIV™ sensors in
hybrid powertrains
Signal output by the crankshaft sensor when driving in
electric mode
This function enables every crankshaft vibration to be
captured with the corresponding signals for forward and
backward movement without the crankshaft sensor incor-
rectly responding to supposed changes to the mechanical
setup such as a shift in the air gap or some other mechani-
cal misalignment.
Collectively, the algorithms named here enable the move-
ments of the crankshaft trigger wheel to be accurately
observed and tracked. The engine control unit knows at all
times which stroke each piston is on and how much time is
left until the next ignition (based on the crankshaft angle).
If the algorithms are correctly aligned, the system will
operate correctly, ensuring that the engine warning light
stays off.
As the crankshaft sensor always provides reliable infor-
mation, the sizing of components required to restart the
combustion engine can be reduced. The starter generator
usually turns the crankshaft for several rotations until the
home position of the crankshaft has been detected and a
minimum rotational speed in excess of several hundred
rotations has been reached. With an advanced crankshaft
sensor, the fuel can be injected and ignited in just half a
rotation. Starting the engine in this way requires only a
fraction of the battery energy needed for a cold start.
Manufacturers can thus choose between a longer service
life for the starter and battery, or size down and save costs
and weight, which – in turn – translates into a slight drop in
consumption.
This design also enables a great driving experience as the
combustion engine starts easily and smoothly without
creating any negative impressions.
As part of its XENSIV™ family of sensors, Infineon
Technologies has developed active Hall sensors specifically
for camshaft and crankshaft applications. These devices
can help to optimize the drive experience while extend-
ing service life. Installed on the camshaft, the XENSIV™
TLE4929C, for instance, can compensate for production
and assembly tolerances on the supplier and manufactur-
er sides thanks to its programmable switching threshold.
This ability means that this position sensor improves angle
accuracy on both on the camshaft and the crankshaft.
First of all, it should be noted here that differential Hall
sensors, by their very physical nature, only switch when
the centerline of the tooth is in front of the sensor. Starting
from the centerline of the tooth and moving out, the follow-
ing tolerances must be taken into account:
› Mechanical tolerances on the tooth itself cause the mag-
netic center to deviate from the mechanical center
› Mechanical assembly tolerances for the module on the
engine block account for the largest deviation
› Mechanical installation tolerances for the magnet and
sensor in the module also have to be added
› It goes without saying that the installed magnets are not
100% homogenous; nor are they magnetized at a perfect
90° angle
› Finally, there are also electrical tolerances within certain
limits that are attributable to the sensor manufacturer.
Improved crankshaft sensor enables other components to last longer
More precise switching points with differential camshaft sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com