Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4963-2M Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 16Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 17Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 18Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 19Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 20Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 21Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 22Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 23Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
20
XENSIV™ sensors in
hybrid powertrains
Breakdown of position errors by category
Systematic errors are compensated for by the engine con-
trol unit and are not included in the above list. They include
signal propagation delays, which are already accounted for
in the control unit’s timer.
All of the components listed above result in a random error,
which at best resolves itself but, at worst, can represent a
massive fault. To meet the accuracy requirements of to-
day’s systems, modern sensors allow switching thresholds
to be individually set. The module manufacturer can do this
at relatively low cost by individually calibrating the switch-
ing point of the module at the end of the production pro-
cess. It can also be done on the dry engine itself at a slightly
higher cost.
The benefit for the car manufacturer here is that the cali-
bration also compensates for their own production toler-
ances. In contrast, the tier 1 supplier can only compensate
for the module itself; the OEM’s installation error is not
mitigated at all.
A cost-benefit analysis for the required tolerances and
resulting calibration cost is advisable.
The actual calibration process is very simple:
At a mid-point in the switching threshold, suitable systems
are used to measure the misalignment between the me-
chanical center of the tooth and the actual electrical edge.
After this, the systematic errors are subtracted and the
remaining offset is programed and permanently stored in
the sensor as the programmable switching threshold.
As shown in figure 6, this method can be used to eliminate
nearly all sources of error and improve the overall accuracy
from ±0.6° camshaft to ±0.1° camshaft.
Summary
The combustion engine has had its day. From 2020 to 2025,
all major car manufacturers worldwide will develop and
launch their last hybrid platforms. After this, even the last
remaining development engineers working on combustion
engines and possibly also transmissions will have to find
a new home in the emerging fields of fuel cell, battery and
electric drive technologies.
The combustion engines developed today will be around
for several decades to come. As such, it is vital that the
technology used in these models is reliable, long-lasting,
and up to date. Luckily, the challenges that hybrid engines
and, in particular, crankshaft and camshaft sensors face in
these systems are already known and being successfully
addressed by Infineon.
Overview of Infineon XENSIV™
crankshaft sensors
› TLE4929C-XAx – first-generation low-jitter, Hall-based
crankshaft sensor.
› TLE4929C-XVA – second generation includes several
further crankshaft protocols (by number 14) and a time
watchdog to overcome start-up vibrations. In addition,
this device is available with nickel plating for the first
time.
› TLE4929C-XHA – third generation includes an additional
dedicated hybrid watchdog and a new calibration feature
to meet increased absolute phase accuracy requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com