Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4963-2M Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 56Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 57Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 58Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 59Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 60Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 61Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 62Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 63Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
60
SP40+
Tire pressure sensor for Tire Pressure Monitoring Systems (TPMS)
SP40+ provides a very high level of integration and is
optimized to perform all of the functions necessary to im-
plement a state-of-the-art sensor module for Tire Pressure
Monitoring System (TPMS). With its integrated micro-
controller, sensors and convenient peripherals, the SP40+
needs the addition of only a few passive components and
a battery to complete a full TPMS module.
SP40+ measures pressure, radial acceleration, temperature
and supply voltage and is certified as a green package com-
pliant with RoHS. SP40+ comes with a pressure-auto-rang-
ing feature, providing best-in-class pressure-accuracy in the
range from 100 to 1400 kPa, making it the ideal choice for
all car types from passenger vehicle to heavy trucks.
Compared to the previous generation SP37, the SP40+
family offers even lower current consumption and more
features like larger flash, better sensor accuracy and higher
pressure range.
SP40+ fully supports all necessary
requirements for a
Tire Pressure Monitoring System (TPMS)
Features
› Pressure sensor
› Radial acceleration sensor
› Temperature sensor
› Supply voltage sensor
› Embedded 8051 compatible 8-bit microcontroller
› 12 kB on-chip flash memory, plus optional additional 2 kB
(for example for LF bootloader)
› 160 Byte retention RAM
› 315 and 434 MHz FSK/GFSK/OOK/ASK RF transmitter
› RF output power of 5 dBm
› 125 kHz ASK high-sensitivity LF receiver
› Advanced power control/wake-up system to minimize
battery charge consumption
› Ultra-low power down current of < 540 nA
› Supply voltage range from 1.6 to 3.6 V
› Operating temperature range from -40 to +125°C
› DSOSP-14-82 package
› RoHS compliant, green package
SP40+
TPMS module
Tx data
315/
434 MHz
Rx data
125 kHz
8-bit
Microcontroller
Pressure sensor
Power supply management
RF
transmitter
Acceleration sensor
Temperature sensor
Voltage sensor
Flash:
sensor calibration
data and appl.
firmware
LF
receiver
ADC
ROM:
firmware
library
3 V lithium cell
Product
Pressure range [kPa]
On-chip flash memory [kB]
Key features
SP400-11-01
100–900
12
› Highest integration
› Very low energy consumption
› Robust g- and p- sensor
› High LF sensitivity
SP400-11-11
100–900
12 + 2
SP400-15-11
100–1400
12 + 2
www.infineon.com/tpms-sensors
Tire Pressure Sensor (TPMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com