Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4963-2M Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 58Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 59Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 60Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 61Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 62Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 63Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 64Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 65Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
62
Functional block diagram
I2C/SPI
VDDIO
VDD
Temperature
sensor
Digital signal
processing
Calibration
coefficients
FIFO
Capacitive
pressure sensor
Digital core
Memory
interface
Voltage
regulators
Digital interface
MUX
ADC
Application circuit example (in I²C configuration)
Pin configuration (top view)
Pin
Name
Function
1
GND
Ground
2
CSB
Chip select
3
SDI
Serial data in/out
4
SCK
Serial clock
5
SDO
Serial data out
6
VDDIO
Digital interface supply
7
GND
Ground
8
VDD
Analog supply
SCK
INT
SDA
I2C serial interface
C
SDO
SCK
SDI
CSB
GND
GND
VDD
VDDIO
Pressure sensor
Processor
VDDIO
1.7 … 3.6 V
1.2 … 3.6 V
C
R
VDDIO
R
Interrupt (optional)
4
3
2
1
5
6
7
8
GND
CSB
SDI
SCK
VDD
GND
VDDIO
SDO
Vent hole
www.infineon.com/pressure-sensors-iot
Digital barometric pressure
Infineon inside pressure sensor partners
Building upon its best-in-class technology, Infineon offers a full range of baro-
metric pressure sensors as chipsets. Infineon’s network of global partners offers
customers a comprehensive portfolio of Infineon inside pressure sensors that
will propel performance to the next level even for the most demanding applica-
tions.
Visit www.infineon.com/pressure-sensor-partners to learn more and purchase
our partner solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com