Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4963-2M Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 57Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 58Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 59Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 60Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 61Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 62Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 63Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 64Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
61
Digital barometric pressure sensor
For mobile and wearable devices
Infineon’s digital barometric pressure sensor family is the best choice for mobile and wearable devices due to its small form factor,
high precision, and low power consumption. Pressure sensing is based on capacitive technology, which guarantees ultra-high
precision (±2 cm) and excellent relative accuracy (±0.06 hPa) over a wide temperature range. The sensor’s internal signal processor
converts the output from the pressure and temperature sensor elements to 24-bit results. Each pressure sensor has been calibrated
individually and contains calibration coefficients. The coefficients are used in the application to convert the measurement results to
true pressure and temperature values. All sensors have a FIFO that can store the latest 32 measurements. Since the host processor
can remain in a sleep mode for a longer period between readouts, a FIFO can reduce the system power consumption. Sensor
measurements and calibration coefficients are available via the serial I2C/SPI interface.
DPS310
A barometric pressure sensor with very low power consumption is recommended for applications where power
consumption is critical and the highest precision in pressure metering is required.
DPS368
DPS368 offers the best-in-class resolution (±2 cm), a very fast read-out speed, and low current consumption. The sensor can be
used in a harsh environment, as it is robust against water (IPx8 - 50 m underwater for 1 hour), dust and humidity. The small pack-
age size saves up to 80 percent of the space and makes the DPS368 ideal for mobile applications and wearable devices.
Typical applications
› Drones: altitude detection and height stability
› Health and fitness: accurate elevation gain and step counting (e.g. for smartwatches)
› Outdoor Navigation: GPS start-up time/accuracy improvement; dead reckoning (e.g. in tunnels)
› Indoor navigation: floor detection e.g. in shopping malls and parking garages
› Smart home: micro weather forecasting; room temperature control; intruder detection
› Airflow control: Smart filter replacement alarm (e.g. in home appliances); predictive maintenance
› Health care: fall detection; respiratory devices; smart inhalers
Key product features
DPS310
DPS368
Package size
2.0 x 2.5 x 1.0 mm
2.0 x 2.5 x 1.1 mm
Operating pressure range
300 … 1200 hPa
Operating temperature range
-40 … 85°C
Pressure level precision
± 0.002 hPa (or ±0.02 m)
Relative accuracy
± 0.06 hPa (or ±0.5 m)
Absolute accuracy
± 1 hPa (or ±8 m)
Temperature accuracy
0.5°C
Pressure temperature sensitivity
0.5 Pa/K
Measurement time
3.6 ms (low precision); 27.6 ms (standard mode)
Average current consumption
@ 1 Hz sampling rate
1.7 µA pressure measurement, 1.5 µA temp. measurement, standby 0.5 µA
Supply voltage
VDDIO: 1.2 – 3.6 V; VDD: 1.7 – 3.6 V
Operating modes
Command (manual), background (automatic), standby
Interface
I²C and SPI, both with optional interrupt
www.infineon.com/pressure-sensors-iot
Digital barometric pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com