Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4963-2M Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 12Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 13Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 14Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 15Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 16Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 17Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 18Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 19Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
16
XENSIV™ sensors in
hybrid powertrains
New challenges for engine sensors in
hybrid powertrains
The prospect of emissions penalties as of 1 January 2021 is
prompting many manufacturers to switch to lower-carbon
drive systems. Electric cars have become a key talking point
on everyone’s agenda – especially in California, where a
very promising startup recently (February 2020) secured a
higher market capitalization than the biggest European car
manufacturer.
But there is a wide playing field between conventional
combustion engines and all-electric cars, presenting less
radical pathways towards achieving the EU fleet-wide av-
erage emission target for new cars of 95 g CO2/km. Scaling
from models with a 12 V belt starter generator through in-
tegrated 48 V starter generators to high-power 400 V drives,
hybrid cars have the potential to drastically reduce noise in
urban areas.
Combustion engines in these hybrid cars face a number
of specific challenges when the car is being driven by the
electric motor. We will be taking a closer look at them in
this article. Time to explore the many additional functions
a single crankshaft sensor has to fulfill in a hybrid motor…
Car manufacturers across the globe are expanding their
portfolio of drive systems. Even looking beyond the fuel
cells and synthetic fuels of tomorrow, there is still a huge
number of hybrid options spanning the gap between com-
bustion engines and electric motors.
These options range from stop-start combustion engines,
where the motor shuts off for a few seconds at a red light
and then cold starts, to plug-in hybrids that can easily drive
50 kilometers in all-electric mode before the combustion
engine kicks in as the battery runs low or the vehicle is
travelling at high speeds on a highway.
Two different implementations of even the most recent
stop-start systems have already been brought to market.
In one instance, the combustion engine starts again as if it
had not been driven for an hour. The second solution mon-
itors the movement of the engine as it comes to a stop, so
when the engine starts up again, the car already knows the
position of the crankshaft and the next cylinder to be fired.
If we look at the starter generator attachment points on the
drive shaft, or the points where the clutch connects differ-
ent motors to the drive axle, we quickly see that the com-
bustion crankshaft assembly options are virtually limitless.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com