Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4963-2M Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 72Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 73Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 74Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 75Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 76Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 77Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 78Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 79Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
76
www.infineon.com/radar-for-iot
24 GHz partner modules
Partnering with the leading radar solution providers enables Infineon to connect our customers looking for turnkey
solutions and design support for a complete range of applications.
By integrating Infineon’s 24GHz MMIC chip into the partners easy-to-use and simple-to-integrate modules the complexity
and time to market for a range of applications such as smart home automation, camera & security systems, air
conditioners, UAVs, robotics, and smart lighting, are reduced.
Partners
Visit the link below to view our network of partners who provide modules and design support for all 24GHz industrial
applications: www.infineon.com/24GHzPartners
› Complete module, including radar
MMIC, antenna options, MCU signal
processing options, and SW options
(Doppler, FSK and FMCW versions
available)
› Ease of design
› Turnkey solution, no need for
test and certification
Features
Partner modules using
Infineon chips
Benefits
Module (RF module; RF module
+ MCU including SW)
24 GHz radar sensor ICs
Learn radar with Infineon on www.infineon.com/MakeRadar
For the first time, we bring radar to makers and developers. Here you can test, develop, and learn radar and its applications. At
www.infineon.com/makeradar, you will see how simple it has become to work with ultrasmall radar sensors. The board and
data will flow to your browser for testing, and this is not all, if you want to take the next step just take the available Arduino
code examples and start your project.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com