Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31SP Datasheet(PDF) 9 Page - STMicroelectronics

Part # VIPER31SP
Description  BATTERY CHARGER PRIMARY I.C.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31SP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VIPER31SP Datasheet HTML 5Page - STMicroelectronics VIPER31SP Datasheet HTML 6Page - STMicroelectronics VIPER31SP Datasheet HTML 7Page - STMicroelectronics VIPER31SP Datasheet HTML 8Page - STMicroelectronics VIPER31SP Datasheet HTML 9Page - STMicroelectronics VIPER31SP Datasheet HTML 10Page - STMicroelectronics VIPER31SP Datasheet HTML 11Page - STMicroelectronics VIPER31SP Datasheet HTML 12Page - STMicroelectronics VIPER31SP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Figure 9: Blanking Time and Current Limitation
SC12110
t
ID
t
ID
tb
IDlim
IDlim
Figure 10: Typical AC/DC Adapter
SC12130
U1
VIPer31
2.6V
-
+
VOLTAGE CONTROL
CURRENT
CONTROL
SOURCE
DRAIN
DSENSE
CSENSE
CREF
COMP
FB
VCC
VDD
OSC
111
5
7
4
9
3
2
8
6
GND
10
R11
1.3
R9
470
R6
10k
R4
22k
R8
8.2k
C8
4.7uF
16V
C7
10uF
35V
R10
2.7k
R3
27k
D2
1N4148
R2
22
T2
C2
10uF
400V
BR1
1A/600V
-+
T1
F1
FUSE
R1
CTN
D1
STPS1100U
C3
330uF
25V
R5
680k
R7
680k
C10
470nF
C9
2.7nF
C5
2.2n
C4
1nF
C1
100nF
C6
2.2nF
L
N
IOUT
GND
Figure 11: Typical Output Characteristics
SC12120
0.8
1
0.6
0.4
0.2
0
510
15
Iout
(A)
Uout
(V)
Short circuit or
Low voltage
operation
Constant current
operation (+/-2.5%)
Constant voltage
operation (+/-7%)
Iout vs Uout curves for Vin = 100, 200, 300, 400 VDC, Ta = 25
°C
VIPer31SP
9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com