Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31SP Datasheet(PDF) 11 Page - STMicroelectronics

Part # VIPER31SP
Description  BATTERY CHARGER PRIMARY I.C.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31SP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VIPER31SP Datasheet HTML 7Page - STMicroelectronics VIPER31SP Datasheet HTML 8Page - STMicroelectronics VIPER31SP Datasheet HTML 9Page - STMicroelectronics VIPER31SP Datasheet HTML 10Page - STMicroelectronics VIPER31SP Datasheet HTML 11Page - STMicroelectronics VIPER31SP Datasheet HTML 12Page - STMicroelectronics VIPER31SP Datasheet HTML 13Page - STMicroelectronics VIPER31SP Datasheet HTML 14Page - STMicroelectronics VIPER31SP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
An external resistance R1 is needed to withstand
the negative voltage generated by the winding. As
long as the transformer is delivering some energy
on secondary side, the negated EOD signal
remains in the high state and the mosfet switch Q
is on. The duration of this state is noted tonsec
and corresponds to the time where the secondary
current is flowing through D1. For details about
the demagnetisation function, refer to figure 6.
The average output current can be expressed as:
IOUT
=
IS
2
X
tONSEC
TSW
(1)
Where :
IS is the peak secondary current.
tONSEC is the conduction time on secondary side.
TSW is the switching period.
Taking into account the transformer ratio n
between primary and secondary side,
IS can also
be expressed versus primary peak current
IP :
IS
= nx IP
(2)
The value of the capacitor C is sufficiently high to
consider the voltage Uc as constant. This
capacitor is submitted to a charging current and
discharging current at the rhythm of the switching
frequency. As these currents are in the range of a
few mA (Iref is typically 1 mA), a 470 nF is a
suited value for a switching frequency of 60 kHz.
In steady state, it can be written that the charge is
equal to the discharge :
IREF x
(TSW − t ONSEC)= (
UC
R
− IREF ) xt ONSEC
It comes :
UC
= R xIREF x
TSW
tONSEC
(3)
As
UC can be considered as a constant voltage,
can be also expressed as :
IP
=
UC
RS
(4)
Combining (1), (2), (3) and (4) :
IOUT =
n
2
x
Rx IREF
RS
This last expression shows that the average
output current doesn’t depend any more neither
on the output voltage, nor on the duty cycle, nor
on the input voltage. The only parameters which
are setting its value are :
The transformer ratio n.
The sense resistor value
RS
The product
Rx IREF
This product corresponds to a voltage which is
noted Vreg in the specification tables. Figure 5
shows the test fixture for measuring it : The
DSENSE pin is held in the high state (In fact, it is
left open, as an internal pull up current source is
internally connected on this pin) and the mosfet
switch Q is always in the high state. In this case,
the voltage on the CREF pin establishes at
Rx IREF .
Note that the oscillator must be running for the
demagnetisation block to sample correctly the
DSENSE pin.
As Vreg has a typical value of 350 mV, the output
current can be finally written as :
IOUT
= nx
0.175
RS
A sense resistor of 1.3
Ω with a transformer ratio
of 6 gives a typical output current of about 800
mA.
The
schematics
of
figure
10
shows
a
compensation on the CSENSE pin with the two
resistances R5 and R7. These resistances are
connected on the Vin input voltage and are
providing an offset on the current sense pin. The
higher is the input voltage, and the higher is this
offset current. The purpose of this compensation
is to cancel the effect of the current control
propagation time td, which induces an extra
current on top of the theoretical peak current Ip
given by (4).
The
output
current
obtained
with
this
compensation can be seen on figure 11. The
typical ”flatness” is about +/-2.5 %, including the
input voltage variation from 100 VDC to 400 VDC.
If less accuracy is needed, these two resistances
can be omitted.
CONSTANT VOLTAGE OPERATION
An another part of the circuit is in charge of the
regulation of the output voltage, and generates
the vertical characteristic of figure 11. It consists
of
a
primary
feedback
regulation,
with
a
conventional
voltage
mode
control
:
An
operational amplifier with an internal voltage
reference of 2.6 V is configured in error amplifier
and defines the duty cycle of the power mosfet
switch by comparison with the oscillator sawtooth
(See block diagram on page 1).
As it is a primary feedback, the accuracy of the
output
voltage
depends
closely
on
the
transformer coupling quality. This is especially
VIPer31SP
11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com