Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31SP Datasheet(PDF) 13 Page - STMicroelectronics

Part # VIPER31SP
Description  BATTERY CHARGER PRIMARY I.C.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31SP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VIPER31SP Datasheet HTML 8Page - STMicroelectronics VIPER31SP Datasheet HTML 9Page - STMicroelectronics VIPER31SP Datasheet HTML 10Page - STMicroelectronics VIPER31SP Datasheet HTML 11Page - STMicroelectronics VIPER31SP Datasheet HTML 12Page - STMicroelectronics VIPER31SP Datasheet HTML 13Page - STMicroelectronics VIPER31SP Datasheet HTML 14Page - STMicroelectronics VIPER31SP Datasheet HTML 15Page - STMicroelectronics VIPER31SP Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
this value to provide a soft start feature, of which
the duration depends on some circuit parameters,
like transformer ratio, sense resistor, output
capacitors and load. The user will define the best
appropriate value by experiments.
SHORT CIRCUIT OPERATION
In case of abnormal condition where the auxiliary
winding is unable to provide the low voltage
supply current to the VCC pin (i.e. short circuit on
the
output
of
the
converter), the
external
capacitors discharge themselves down to the low
threshold voltage VDDoff of the UVLO logic, and
the device get back to the inactive state where the
internal circuits are in standby mode and the start
up current source is activated. The converter
enters a endless start up cycle, with a start-up
duty cycle defined by the ratio of charging current
towards discharging when the VIPer31 tries to
start. This ratio is fixed by design to 1.5 to 12,
which gives a 11% start up duty cycle, while the
power dissipation at start up is approximately 0.6
W, for a 230 Vrms input voltage.
The average output short circuit current is the
product of the start up duty cycle by the output
current flowing during the active phase of the
device (See figure 14). This output current is
limited by either the CREF pin voltage, or the
internal current limitation of 1.3 A. These values
together with the low value of start-up duty cycle
prevents the stress of the output rectifiers and of
the transformer when in short circuit.
Figure 13: Start Up Circuit and Sequence
AUXILIARY
WINDING
C
VCC
C
VDD
VCC
VDD
DRAIN
SOURCE
GND
VIPer31
UVLO LOGIC
+
-
Ref
ON/OFF
LDO
Reg.
2mA
VDD
VCC
t
(V)
VDDreg
VDDon
VDDoff
tss
SC12150
VDD
t
Iout
t
Isc
VDDoff
VDDon
Average
output current
SC12160
Figure 14 : Short circuit operation
VIPer31SP
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com